Electronic Components Datasheet Search
  English  ▼

X  

HC125 Datasheet(PDF) 5 Page - Texas Instruments

Part # HC125
Description  High Speed CMOS Logic Quad Buffer, Three-State
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

HC125 Datasheet(HTML) 5 Page - Texas Instruments

  HC125 Datasheet HTML 1Page - Texas Instruments HC125 Datasheet HTML 2Page - Texas Instruments HC125 Datasheet HTML 3Page - Texas Instruments HC125 Datasheet HTML 4Page - Texas Instruments HC125 Datasheet HTML 5Page - Texas Instruments HC125 Datasheet HTML 6Page - Texas Instruments HC125 Datasheet HTML 7Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
5
Switching Specifications Input tr, tf = 6ns
PARAMETER
SYMBOL
TEST
CONDITIONS
VCC (V)
25oC
-40oC TO 85oC
-55oCTO125oC
UNITS
TYP
MAX
MAX
MAX
HC TYPES
Propagation Delay Time
nA to nY
tPLH, tPHL
CL = 50pF
2
-
100
125
150
ns
4.5
-
20
25
30
ns
CL = 15pF
5
8
-
-
-
ns
CL = 50pF
6
-
17
21
26
ns
Enable Delay Time
tPZL, tPZH
CL = 50pF
2
-
125
155
190
ns
4.5
-
25
31
38
ns
CL = 15pF
5
10
-
-
-
ns
CL = 50pF
6
-
21
26
32
ns
Disable Delay Time
tPLZ, tPHZ
CL = 50pF
2
-
125
155
190
ns
CL = 50pF
4.5
-
25
31
38
ns
CL = 15pF
5
10
-
-
-
ns
CL = 50pF
6
-
21
26
32
ns
Output Transition Time
tTLH, tTHL
CL = 50pF
2
-
60
75
90
ns
4.5
-
12
15
18
ns
6
-
10
13
15
ns
Input Capacitance
CI
--
-
10
10
10
pF
Three-State Output
Capacitance
CO
--
-
20
20
20
pF
Power Dissipation
Capacitance
(Notes 5, 6)
CPD
-
5
29
-
-
-
pF
HCT TYPES
Propagation Delay Time
nA to nY
tPLH, tPHL
CL = 50pF
4.5
-
25
31
38
ns
CL = 15pF
5
10
-
-
-
ns
Output Enable Time
tPZL, tPZH
CL = 50pF
4.5
-
25
31
38
ns
CL = 15pF
5
10
-
-
-
ns
Output Disabling Time
tPLZ, tPHZ
CL = 50pF
4.5
-
28
35
42
ns
CL = 15pF
5
11
-
-
-
ns
Output Transition Times
tTLH, tTHL
CL = 50pF
4.5
-
12
15
18
ns
Input Capacitance
CI
--
-
10
10
10
pF
Three-State Output
Capacitance
CO
--
-
20
20
20
pF
Power Dissipation
Capacitance
(Notes 5, 6)
CPD
-
5
34
-
-
-
pF
NOTES:
5. CPD is used to determine the dynamic power consumption, per channel.
6. PD = VCC
2 f
i (CPD + CL) where fi = Input Frequency, fO = Output Frequency, CL = Output Load Capacitance, VCC = Supply Voltage.
CD74HC125, CD74HCT125



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com