Electronic Components Datasheet Search
  English  ▼

X  

HC125 Datasheet(PDF) 1 Page - Texas Instruments

Part # HC125
Description  High Speed CMOS Logic Quad Buffer, Three-State
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

HC125 Datasheet(HTML) 1 Page - Texas Instruments

  HC125 Datasheet HTML 1Page - Texas Instruments HC125 Datasheet HTML 2Page - Texas Instruments HC125 Datasheet HTML 3Page - Texas Instruments HC125 Datasheet HTML 4Page - Texas Instruments HC125 Datasheet HTML 5Page - Texas Instruments HC125 Datasheet HTML 6Page - Texas Instruments HC125 Datasheet HTML 7Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
1
Data sheet acquired from Harris Semiconductor
SCHS143
Features
• Three-State Outputs
• Separate Output Enable Inputs
• Fanout (Over Temperature Range)
- Standard Outputs . . . . . . . . . . . . . . . 10 LSTTL Loads
- Bus Driver Outputs . . . . . . . . . . . . . 15 LSTTL Loads
• Wide Operating Temperature Range . . . -55oC to 125oC
• Balanced Propagation Delay and Transition Times
• Significant Power Reduction Compared to LSTTL
Logic ICs
• HC Types
- 2V to 6V Operation
- High Noise Immunity: NIL = 30%, NIH = 30% of VCC
at VCC = 5V
• HCT Types
- 4.5V to 5.5V Operation
- Direct LSTTL Input Logic Compatibility,
VIL= 0.8V (Max), VIH = 2V (Min)
- CMOS Input Compatibility, Il ≤ 1µA at VOL, VOH
Description
The Harris CD74HC125 and CD74HCT125 contain 4 inde-
pendent three-state buffers, each having its own output
enable input, which when “HIGH” puts the output in the high
impedance state
Pinout
CD74HC125, CD74HCT125
(PDIP, SOIC)
TOP VIEW
Ordering Information
PART NUMBER
TEMP. RANGE
(oC)
PACKAGE
PKG.
NO.
CD74HC125E
-55 to 125
14 Ld PDIP
E14.3
CD74HCT125E
-55 to 125
14 Ld PDIP
E14.3
CD74HC125M
-55 to 125
14 Ld SOIC
M14.15
CD74HCT125M
-55 to 125
14 Ld SOIC
M14.15
NOTES:
1. When ordering, use the entire part number. Add the suffix 96 to
obtain the variant in the tape and reel.
2. Wafer and die for this part number is available which meets all
electrical specifications. Please contact your local sales office or
Harris customer service for ordering information.
1OE
1A
1Y
2OE
2A
2Y
GND
VCC
4OE
4A
4Y
3OE
3A
3Y
1
2
3
4
5
6
7
14
13
12
11
10
9
8
November 1997
CAUTION: These devices are sensitive to electrostatic discharge. Users should follow proper IC Handling Procedures.
Copyright
© Harris Corporation 1997
CD74HC125,
CD74HCT125
High Speed CMOS Logic
Quad Buffer, Three-State
File Number
1771.1
[ /Title
(CD74
HC125
,
CD74
HCT12
5)
/Sub-
ject
(High
Speed
CMOS
Logic
Quad
Buffer,
Three-
State)


Similar Part No. - HC125

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
HC125 PHILIPS-HC125 Datasheet
78Kb / 16P
Quad buffer/line driver; 3-state
1999 Sep 27
logo
STMicroelectronics
HC125 STMICROELECTRONICS-HC125 Datasheet
61Kb / 8P
QUAD BUS BUFFERS 3-STATE
Jun-1999
logo
Toshiba Semiconductor
HC125 TOSHIBA-HC125 Datasheet
243Kb / 7P
QUAD BUS BUFFER
logo
System Logic Semiconduc...
HC125 SLS-HC125 Datasheet
45Kb / 5P
Quad 3-State Noninverting Buffers
logo
Fairchild Semiconductor
HC125 FAIRCHILD-HC125 Datasheet
77Kb / 8P
Quad Buffer with 3-STATE Outputs
More results

Similar Description - HC125

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD74HC126 TI-CD74HC126 Datasheet
36Kb / 7P
High Speed CMOS Logic Quad Buffer, Three-State
CD54HC126 TI-CD54HC126 Datasheet
257Kb / 10P
High-Speed CMOS Logic Quad Buffer, Three-State
CD54HC125 TI-CD54HC125 Datasheet
269Kb / 11P
High-Speed CMOS Logic Quad Buffer, Three-State
CD54HC240 TI-CD54HC240 Datasheet
306Kb / 14P
High-Speed CMOS Logic Octal Buffer/Line Drivers, Three-State
CD54HC125 TI-CD54HC125_06 Datasheet
265Kb / 12P
High-Speed CMOS Logic Quad Buffer, Three-State
CD54HC240 TI-CD54HC240_07 Datasheet
445Kb / 17P
High-Speed CMOS Logic Octal Buffer/Line Drivers, Three-State
CD54HC126 TI-CD54HC126_08 Datasheet
444Kb / 14P
High-Speed CMOS Logic Quad Buffer, Three-State
CD54HC240 TI-CD54HC240_08 Datasheet
475Kb / 17P
High-Speed CMOS Logic Octal Buffer/Line Drivers, Three-State
CD54HC125 TI1-CD54HC125_14 Datasheet
618Kb / 16P
High-Speed CMOS Logic Quad Buffer, Three-State
CD54HC126 TI1-CD54HC126_15 Datasheet
831Kb / 16P
High-Speed CMOS Logic Quad Buffer, Three-State
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com