Electronic Components Datasheet Search
  English  ▼

X  

CDC2516 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # CDC2516
Description  3.3-V PHASE-LOCK LOOP CLOCK DRIVER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CDC2516 Datasheet(HTML) 6 Page - Texas Instruments

Back Button CDC2516 Datasheet HTML 2Page - Texas Instruments CDC2516 Datasheet HTML 3Page - Texas Instruments CDC2516 Datasheet HTML 4Page - Texas Instruments CDC2516 Datasheet HTML 5Page - Texas Instruments CDC2516 Datasheet HTML 6Page - Texas Instruments CDC2516 Datasheet HTML 7Page - Texas Instruments CDC2516 Datasheet HTML 8Page - Texas Instruments CDC2516 Datasheet HTML 9Page - Texas Instruments CDC2516 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
CDC2516
3.3-V PHASE-LOCK LOOP CLOCK DRIVER
SCAS579A – OCTOBER 1996 – REVISED JANUARY 1998
6
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
timing requirements over recommended ranges of supply voltage and operating free-air
temperature
MIN
MAX
UNIT
fclock
Clock frequency
25
125
MHz
Input clock duty cycle
40%
60%
Stabilization time†
1
ms
† Time required for the integrated PLL circuit to obtain phase lock of its feedback signal to its reference signal. For phase lock to be obtained, a
fixed-frequency, fixed-phase reference signal must be present at CLK. Until phase lock is obtained, the specifications for propagation delay, skew,
and jitter parameters given in the switching characteristics table are not applicable.
switching characteristics over recommended ranges of supply voltage and operating free-air
temperature, CL = 30 pF (see Note 5 and Figures 1 and 2)‡
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
VCC = 3.3 V
± 0.165 V
VCC = 3.3 V
± 0.3 V
UNIT
(INPUT)
(OUTPUT)
MIN
TYP
MAX
MIN
TYP
MAX
tphase error
reference
(see Figure 3)
66 MHz < CLKIN
↑ < 100 MHz
FBIN
↑
–0.7...0.18
ns
tphase error, – jitter,
(see Note 6)
CLKIN
↑ = 100 MHz
FBIN
↑
– 360
50
–170
ps
tsk(o)§
Any Y or FBOUT
Any Y or FBOUT
200
ps
Jitter(pk-pk)
F(clkin > 66 MHz)
Any Y or FBOUT
–100
100
ps
Duty cycle
F(clkin
≤ 66 MHz)
Any Y or FBOUT
45%
55%
Duty cycle
F(clkin > 66 MHz)
Any Y or FBOUT
43%
55%
tr
Any Y or FBOUT
1.3
1.9
0.7
2.1
ns
tf
Any Y or FBOUT
1.7
2.5
1.2
2.5
ns
‡ These parameters are not production tested.
§ The tsk(o) specification is only valid for equal loading of all outputs.
NOTES:
5. The specifications for parameters in this table are applicable only after any appropriate stabilization time has elapsed.
6. Phase error does not include jitter. The total phase error is – 460 ps to 150 ps for the 5% VCC range.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com