Electronic Components Datasheet Search
  English  ▼

X  

CDC2516 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # CDC2516
Description  3.3-V PHASE-LOCK LOOP CLOCK DRIVER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CDC2516 Datasheet(HTML) 2 Page - Texas Instruments

  CDC2516 Datasheet HTML 1Page - Texas Instruments CDC2516 Datasheet HTML 2Page - Texas Instruments CDC2516 Datasheet HTML 3Page - Texas Instruments CDC2516 Datasheet HTML 4Page - Texas Instruments CDC2516 Datasheet HTML 5Page - Texas Instruments CDC2516 Datasheet HTML 6Page - Texas Instruments CDC2516 Datasheet HTML 7Page - Texas Instruments CDC2516 Datasheet HTML 8Page - Texas Instruments CDC2516 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
CDC2516
3.3-V PHASE-LOCK LOOP CLOCK DRIVER
SCAS579A – OCTOBER 1996 – REVISED JANUARY 1998
2
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
FUNCTION TABLE
INPUTS
OUTPUTS
1G
2G
3G
4G
CLK
1Y
(0:3)
2Y
(0:3)
3Y
(0:3)
4Y
(0:3)
FBOUT
X
X
X
X
L
L
L
L
L
L
L
LL
L
H
L
LL
L
H
L
LL
H
H
L
LL
H
H
L
LHLHL
LH
L
H
L
LH
H
H
L
LH
H
H
L
HL
LH
L
HL
L
H
L
HL
H
H
L
HLH
H
L
HH
L
H
L
HH
L
H
L
HH
HH
L
HH
H
H
H
LL
L
H
H
LL
L
H
H
LL
H
H
H
LL
H
H
H
LHLH
H
LH
L
H
H
LH
H
H
H
LH
H
H
H
HL
LH
H
HL
L
H
H
HL
H
H
H
HLH
H
H
HH
L
H
H
HH
L
H
H
H
H
H
H
H
H
H
H
H
AVAILABLE OPTIONS
PACKAGE
TA
SMALL OUTLINE
(DGG)
0
°C to 70°C
CDC2516DGGR



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com