Electronic Components Datasheet Search
  English  ▼

X  

CDC2582 Datasheet(PDF) 7 Page - Texas Instruments

Part # CDC2582
Description  3.3-V PHASE-LOCK LOOP CLOCK DRIVER WITH DIFFERENTIAL LVPECL CLOCK INPUTS
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CDC2582 Datasheet(HTML) 7 Page - Texas Instruments

Back Button CDC2582 Datasheet HTML 2Page - Texas Instruments CDC2582 Datasheet HTML 3Page - Texas Instruments CDC2582 Datasheet HTML 4Page - Texas Instruments CDC2582 Datasheet HTML 5Page - Texas Instruments CDC2582 Datasheet HTML 6Page - Texas Instruments CDC2582 Datasheet HTML 7Page - Texas Instruments CDC2582 Datasheet HTML 8Page - Texas Instruments CDC2582 Datasheet HTML 9Page - Texas Instruments CDC2582 Datasheet HTML 10Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
CDC2582
3.3-V PHASE-LOCK LOOP CLOCK DRIVER
WITH DIFFERENTIAL LVPECL CLOCK INPUTS
SCAS379B – FEBRUARY 1993 – REVISED FEBRUARY 1996
7
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
timing requirements over recommended ranges of supply voltage and operating free-air
temperature
MIN
MAX
UNIT
f lk
Clock frequency
VCO is operating at four times the CLKIN/CLKIN frequency
25
50
MHz
fclock
Clock frequency
VCO is operating at double the CLKIN/CLKIN frequency
50
100
MHz
Input clock duty cycle
40%
60%
†
After SEL1, SEL0
50
Stabilization time†
After OE
↓
50
µs
After power up
50
† Time required for the integrated PLL circuit to obtain phase lock of its feedback signal to its reference signal. For phase lock to be obtained, a
fixed-frequency, fixed-phase reference signal must be present at CLKIN. Until phase lock is obtained, the specifications for propagation delay
and skew parameters given in the switching characteristics table are not applicable.
switching characteristics over recommended ranges of supply voltage and operating free-air
temperature, CL = 15 pF (see Note 4 and Figures 1, 2, and 3)
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
MIN
MAX
UNIT
Duty cycle
Y
45%
55%
fmax
100
MHz
Jitter(pk-pk)
CLKIN
↑
Y
↑
200
ps
tphase error‡
CLKIN
↑
Y
–500
500
ps
tsk(o)‡
Y
0.5
ns
tsk(pr)‡
Y
1
ns
tr
1.4
ns
tf
1.4
ns
‡ Thepropagation delay, tphaseerror,isdependentonthefeedbackpathfromanyoutputtoFBIN.Thetphaseerror, tsk(o),andtsk(pr)specifications
are only valid for equal loading of all outputs.
NOTE 4: The specifications for parameters in this table are applicable only after any appropriate stabilization time has elapsed.
PARAMETER MEASUREMENT INFORMATION
From Output
Under Test
LOAD CIRCUIT FOR OUTPUTS
500
Ω
CL = 15 pf
(see Note A)
tphase error
2 V
2.4 V
1.6 V
VOH
VOL
CLKIN
0.8 V
2 V
tr
tf
0.8 V
2 V
VOLTAGE WAVEFORMS
PROPAGATION DELAY TIMES
Output
1.5 V
CLKIN
2 V
NOTES: A. CL includes probe and jig capacitance.
B. The outputs are measured one at a time with one transition per measurement.
C. All input pulses are supplied by generators having the following characteristics: PRR
≤ 10 MHz, ZO = 50 Ω, tr ≤ 2.5 ns, tf ≤ 2.5 ns.
Figure 1. Load Circuit and Voltage Waveforms



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com