Electronic Components Datasheet Search
  English  ▼

X  

CDC2582 Datasheet(PDF) 3 Page - Texas Instruments

Part # CDC2582
Description  3.3-V PHASE-LOCK LOOP CLOCK DRIVER WITH DIFFERENTIAL LVPECL CLOCK INPUTS
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CDC2582 Datasheet(HTML) 3 Page - Texas Instruments

  CDC2582 Datasheet HTML 1Page - Texas Instruments CDC2582 Datasheet HTML 2Page - Texas Instruments CDC2582 Datasheet HTML 3Page - Texas Instruments CDC2582 Datasheet HTML 4Page - Texas Instruments CDC2582 Datasheet HTML 5Page - Texas Instruments CDC2582 Datasheet HTML 6Page - Texas Instruments CDC2582 Datasheet HTML 7Page - Texas Instruments CDC2582 Datasheet HTML 8Page - Texas Instruments CDC2582 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
CDC2582
3.3-V PHASE-LOCK LOOP CLOCK DRIVER
WITH DIFFERENTIAL LVPECL CLOCK INPUTS
SCAS379B – FEBRUARY 1993 – REVISED FEBRUARY 1996
3
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
output configuration B
Output configuration B is valid when any output configured as a 1
× frequency output in Table 2 is fed back to
FBIN. The frequency range for the differential clock inputs is 25 MHz to 50 MHz when using output configuration
B. Outputs configured as 1
× outputs operate at the input clock frequency, while outputs configured as 2× outputs
operate at double the frequency of the differential clock inputs.
Table 2. Output Configuration B
INPUTS
OUTPUTS
SEL1
SEL0
1
×
FREQUENCY
2
×
FREQUENCY
L
L
All
None
L
H
1Yn
2Yn, 3Yn, 4Yn
H
L
1Yn, 2Yn
3Yn, 4Yn
H
H
1Yn, 2Yn, 3Yn
4Yn
NOTE: n = 1, 2, 3



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com