Electronic Components Datasheet Search
  English  ▼

X  

HPC3130 Datasheet(PDF) 39 Page - Texas Instruments

Part # HPC3130
Description  PCI HOT PLUG CONTROLLER
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

HPC3130 Datasheet(HTML) 39 Page - Texas Instruments

Back Button HPC3130 Datasheet HTML 32Page - Texas Instruments HPC3130 Datasheet HTML 33Page - Texas Instruments HPC3130 Datasheet HTML 34Page - Texas Instruments HPC3130 Datasheet HTML 35Page - Texas Instruments HPC3130 Datasheet HTML 36Page - Texas Instruments HPC3130 Datasheet HTML 37Page - Texas Instruments HPC3130 Datasheet HTML 38Page - Texas Instruments HPC3130 Datasheet HTML 39Page - Texas Instruments HPC3130 Datasheet HTML 40Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 39 / 40 page
background image
HPC3130
PCI HOT PLUG CONTROLLER
SCPS029B – DECEMBER1998
39
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
MECHANICAL DATA
PGE (S-PQFP-G144)
PLASTIC QUAD FLATPACK
144-PIN SHOWN
4040147 / C 11/96
0,27
72
0,17
37
73
0,13 NOM
0,25
0,75
0,45
0,05 MIN
36
Seating Plane
Gage Plane
108
109
144
SQ
SQ
22,20
21,80
1
19,80
17,50 TYP
20,20
1,35
1,45
1,60 MAX
M
0,08
0
°–7°
0,08
0,50
NOTES: A. All linear dimensions are in millimeters.
B. This drawing is subject to change without notice.
C. Falls within JEDEC MS-026



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com