Electronic Components Datasheet Search
  English  ▼

X  

MSP50C33 Datasheet(PDF) 4 Page - Texas Instruments

Part # MSP50C33
Description  MIXED-SIGNAL PROCESSORS
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MSP50C33 Datasheet(HTML) 4 Page - Texas Instruments

  MSP50C33 Datasheet HTML 1Page - Texas Instruments MSP50C33 Datasheet HTML 2Page - Texas Instruments MSP50C33 Datasheet HTML 3Page - Texas Instruments MSP50C33 Datasheet HTML 4Page - Texas Instruments MSP50C33 Datasheet HTML 5Page - Texas Instruments MSP50C33 Datasheet HTML 6Page - Texas Instruments MSP50C33 Datasheet HTML 7Page - Texas Instruments MSP50C33 Datasheet HTML 8Page - Texas Instruments MSP50C33 Datasheet HTML 9Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
MSP50C32, MSP50C33, MSP50C34
MSP50P34, MSP50C37, MSP50P37
MIXED-SIGNAL PROCESSORS
SPSS019A – MAY 1997 – REVISED OCTOBER 1998
6
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
MSP50x37 electrical characteristics over recommended ranges of supply voltage and operating
free-air temperature (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VT
Positive going threshold voltage (INIT)
VDD = 4.5 V
2.7
V
VT+
Positive-going threshold voltage (INIT)
VDD = 6 V
3.65
V
VT
Negative going threshold voltage (INIT)
VDD = 4.5 V
2.3
V
VT–
Negative-going threshold voltage (INIT)
VDD = 6 V
3.15
V
Vh
Hysteresis ( VT
VT ) (INIT)
VDD = 4.5 V
0.4
V
Vhys
Hysteresis (VT+ – VT– ) (INIT)
VDD = 6 V
0.5
V
IIkg
Input leakage current (except for OSC IN)
1
µA
Istandby
Standby current (INIT low, SETOFF)
10
µA
I
†
Supply current
Power amplifier is on
25
mA
IDD†
Supply current
Power amplifier is off
10
mA
VDD = 4 V,
VOH = 3.5 V
–4
–6
VDD = 5 V,
VOH = 4.5 V
–5
–7.5
mA
IOH
High level output current (PA PB PD)
VDD = 6 V,
VOH = 5.5 V
–6
– 9.2
IOH
High-level output current (PA, PB, PD)
VDD = 4 V,
VOH = 2.65 V
–8
–13
VDD = 5 V,
VOH = 3.33 V
–14
–20
mA
VDD = 6 V,
VOH = 4 V
–20
–29
VDD = 4 V,
VOL = 0.5 V
20
28
VDD = 5 V,
VOL = 0.5 V
26
34
mA
IOL
Low level output current (PA4
PA7)
VDD = 6 V,
VOL = 0.5 V
30
39
IOL
Low-level output current (PA4 – PA7)
VDD = 4 V,
VOL = 1.33 V
40
54
VDD = 5 V,
VOL = 1.67 V
60
74
mA
VDD = 6 V,
VOL = 2 V
82
103
VDD = 4 V,
VOL = 0.5 V
10
17
VDD = 5 V,
VOL = 0.5 V
13
20
mA
IOL
Low level output current (PA0
PA3 PB PD))
VDD = 6 V,
VOL = 0.5 V
15
25
IOL
Low-level output current (PA0 – PA3, PB, PD))
VDD = 4 V,
VOL = 1.33 V
20
32
VDD = 5 V,
VOL = 1.67 V
30
52
mA
VDD = 6 V,
VOL = 2 V
41
71
Pullup resistance
Resistors selected by software and
connected between terminal and VDD
15
30
60
k
Ω
f
(l
)
Oscillator freq enc ‡
VDD = 5 V,
TA = 25°C,
14 89
15 36
15 82
MHz
fosc(low)
Oscillator frequency‡
Target frequency = 15.36 MHz
14.89
15.36
15.82
MHz
f
(hi h)
Oscillator freq enc ‡
VDD = 5 V,
TA = 25°C,
18 62
19 2
19 77
MHz
fosc(high)
Oscillator frequency‡
Target frequency = 19.2 MHz
18.62
19.2
19.77
MHz
† Operating current assumes all inputs are tied to either VSS or VDD with no input currents due to programmed pullup resistors. The DAC output
and other outputs are open circuited.
‡ The frequency of the internal clock has a temperature coefficient of approximately – 0.2 % /
°C and a VDD coefficient of approximately ±1.4%/V.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com