Electronic Components Datasheet Search
  English  ▼

X  

MSP50C33 Datasheet(PDF) 1 Page - Texas Instruments

Part # MSP50C33
Description  MIXED-SIGNAL PROCESSORS
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MSP50C33 Datasheet(HTML) 1 Page - Texas Instruments

  MSP50C33 Datasheet HTML 1Page - Texas Instruments MSP50C33 Datasheet HTML 2Page - Texas Instruments MSP50C33 Datasheet HTML 3Page - Texas Instruments MSP50C33 Datasheet HTML 4Page - Texas Instruments MSP50C33 Datasheet HTML 5Page - Texas Instruments MSP50C33 Datasheet HTML 6Page - Texas Instruments MSP50C33 Datasheet HTML 7Page - Texas Instruments MSP50C33 Datasheet HTML 8Page - Texas Instruments MSP50C33 Datasheet HTML 9Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
MSP50C32, MSP50C33, MSP50C34
MSP50P34, MSP50C37, MSP50P37
MIXED-SIGNAL PROCESSORS
SPSS019A – MAY 1997 – REVISED OCTOBER 1998
3
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
D Dual Programmable LPC-12 Speech
Synthesizers
D Simultaneous LPC and PCM Waveforms
D 8-Bit Microprocessor with 61 instructions
D 32 Twelve-Bit Words and 224 Bytes of RAM
D 3.3V to 6.5V CMOS Technology for Low
Power Dissipation
D Direct Speaker Drive Capability
D Mask Selectable Internal or External Clock
D Internal Clock Generator that Requires No
External Components
D Two Software-Selectable Clock Speeds
D 10-kHz or 8-kHz Speech Sample Rate
description
The MSP50x3x family uses a revolutionary architecture to combine an 8-bit microprocessor, two speech
synthesizers, ROM, RAM, and I/O in a low-cost single-chip system. The architecture uses the same arithmetic
logic unit (ALU) for the two synthesizers and the microprocessor, thus reducing chip area and cost and enabling
the microprocessor to do a multiply operation in 0.8
µs. The MSP50x3x family features two independent
channels of linear predictive coding (LPC), which synthesize high-quality speech at a low data rate. Pulse-code
modulation (PCM) can produce music or sound effects. LPC and PCM can be added together to produce a
composite result. For more information, see the MSP50x3x User’s Guide (literature number SPSU006).
Table 1. MSP50x3x Family
DEVICE
AMOUNT OF ROM/PROM
FEATURES
MSP50C32
16K bytes mask ROM
9/10 I/O lines
MSP50C33
32K bytes mask ROM
9/10 I/O lines
MSP50C34
64K bytes mask ROM
9/10 I/O lines, 24 I/O lines in die form
MSP50P34
64K bytes PROM
9/10 I/O lines
MSP50C37
16K bytes mask ROM
18 I/O lines, A/D converter/analog amplifier
MSP50P37
16K bytes PROM
18 I/O lines, A/D converter/analog amplifier
Copyright
© 1998, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
N PACKAGE
(TOP VIEW)
OSC IN
PA6
PA5
PA4
PA3
PA2
PA1
PB1/OSC OUT
PA7
PB0
PA0
DAC +
DAC –
VDD
VSS
INIT
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.


Similar Part No. - MSP50C33

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MSP50C30 TI-MSP50C30 Datasheet
121Kb / 8P
MIXED-SIGNAL PROCESSOR
MSP50C30 TI1-MSP50C30 Datasheet
177Kb / 11P
MIXED-SIGNAL PROCESSOR
MSP50C30PJM TI-MSP50C30PJM Datasheet
121Kb / 8P
MIXED-SIGNAL PROCESSOR
MSP50C30 TI1-MSP50C30_07 Datasheet
177Kb / 11P
MIXED-SIGNAL PROCESSOR
More results

Similar Description - MSP50C33

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SMJ320C31 TI-SMJ320C31 Datasheet
968Kb / 57P
DIGITAL SIGNAL PROCESSORS
TMS320F2812 TI-TMS320F2812 Datasheet
1Mb / 103P
DIGITAL SIGNAL PROCESSORS
TMS320C31 TI-TMS320C31 Datasheet
636Kb / 48P
DIGITAL SIGNAL PROCESSORS
logo
List of Unclassifed Man...
ULN3841A ETC-ULN3841A Datasheet
738Kb / 8P
AM SIGNAL PROCESSORS
logo
Texas Instruments
TMS320C203 TI-TMS320C203 Datasheet
1Mb / 83P
DIGITAL SIGNAL PROCESSORS
TMS320F2810 TI-TMS320F2810_08 Datasheet
2Mb / 173P
Digital Signal Processors
SM320F2808-EP TI-SM320F2808-EP Datasheet
1Mb / 118P
Digital Signal Processors
TMS320F2809 TI-TMS320F2809_11 Datasheet
1Mb / 145P
Digital Signal Processors
TMS320LBC57PGE80 TI1-TMS320LBC57PGE80 Datasheet
1Mb / 94P
DIGITAL SIGNAL PROCESSORS
TMDXDOCK28069 TI-TMDXDOCK28069 Datasheet
1Mb / 147P
Digital Signal Processors
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com