Electronic Components Datasheet Search
  English  ▼

X  

PCI2031 Datasheet(PDF) 51 Page - Texas Instruments

Part # PCI2031
Description  PCI-TO-PCI BRIDGE
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCI2031 Datasheet(HTML) 51 Page - Texas Instruments

Back Button PCI2031 Datasheet HTML 47Page - Texas Instruments PCI2031 Datasheet HTML 48Page - Texas Instruments PCI2031 Datasheet HTML 49Page - Texas Instruments PCI2031 Datasheet HTML 50Page - Texas Instruments PCI2031 Datasheet HTML 51Page - Texas Instruments PCI2031 Datasheet HTML 52Page - Texas Instruments PCI2031 Datasheet HTML 53Page - Texas Instruments PCI2031 Datasheet HTML 54Page - Texas Instruments PCI2031 Datasheet HTML 55Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 70 page
background image
PCI2031
PCI-TO-PCI BRIDGE
SCPS017A – DECEMBER 1997 – REVISED JANUARY 1998
51
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
diagnostic status register
Bit
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Name
Diagnostic status
Type
R
R
R
R
R/W
R/W
R/W
R/W
R
R
R
R/W
R/W
R
R
R/W
Default
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
Register:
Diagnostic status
Type:
Read only, read/write (see individual bit descriptions)
Offset:
72h–73h
Default:
0000h
Description: The diagnostic status register is used to reflect the bridge diagnostic status.
Table 21. Diagnostic Status Register
BIT
TYPE
FUNCTION
15–12
R
Reserved
11
R/W
Bridge detected a parity error while mastering on the secondary bus. When set, bit 11 indicates that the secondary bus
master detected a parity error. Writing a 1 to this bit clears it.
0 = No parity error detected
1 = Parity error detected
10
R/W
Bridge detected a parity error while mastering on the primary bus. When set, bit 10 indicates that the primary bus master
detected a parity error. Writing a 1 to this bit clears it.
0 = No parity error detected
1 = Parity error detected
9
R/W
Secondary-slave discard timer expired. Writing a 1 to this bit clears it.
0 = Discard timer not expired
1 = Discard timer expired
8
R/W
Primary-slave discard timer expired. Writing a 1 to this bit clears it.
0 = Discard timer not expired
1 = Discard timer expired
7–5
R
Reserved
4
R/W
Serial EEPROM detect status. When bit 4 is cleared, it indicates that the serial EEPROM block detected an EEPROM.
Writing a 1 to this bit clears it. This bit is encoded as:
0 = Serial EEPROM block detected an EEPROM.
1 = Serial EEPROM block did not detect an EEPROM.
3
R/W
Serial EEPROM block error status. Bit 3 indicates the error status of the serial EEPROM block. This bit is set when a data
error has occurred in the serial EEPROM block. Writing a 1 to this bit clears it. This bit is encoded as:
0 = No error detected.
1 = Data error detected.
2
R
External arbiter enable pin status. Bit 2 contains the current state of the external pin external arbiter enable.
0 = Signal low
1 = Signal high
1
R
Serial EEPROM block status. Bit 1 indicates the status of the serial EEPROM block. When set, bit 1 indicates that the
serial EEPROM block is busy.
0 = Serial EEPROM block not busy
1 = Serial EEPROM block busy
0
R/W
Arbiter timeout status. Bit 0 indicates the status of the arbiter timer. When set, bit 0 indicates that a bus master did not
begin the cycle within 16 clocks. Writing a 1 to this bit clears it. This bit is encoded as:
0 = No timeout (default).
1 = Master requesting the bus did not start cycle within 16 clocks.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com