Electronic Components Datasheet Search
  English  ▼

X  

OP37AP Datasheet(PDF) 15 Page - Texas Instruments

Part # OP37AP
Description  LOW-NOISE HIGH-SPEED PRECISION OPERATIONAL AMPLIFIERS
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OP37AP Datasheet(HTML) 15 Page - Texas Instruments

Back Button OP37AP Datasheet HTML 11Page - Texas Instruments OP37AP Datasheet HTML 12Page - Texas Instruments OP37AP Datasheet HTML 13Page - Texas Instruments OP37AP Datasheet HTML 14Page - Texas Instruments OP37AP Datasheet HTML 15Page - Texas Instruments OP37AP Datasheet HTML 16Page - Texas Instruments OP37AP Datasheet HTML 17Page - Texas Instruments OP37AP Datasheet HTML 18Page - Texas Instruments OP37AP Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 21 page
background image
OP27A, OP27C, OP27E, OP27G
OP37A, OP37C, OP37E, OP37G
LOW-NOISE HIGH-SPEED PRECISION OPERATIONAL AMPLIFIERS
SLOS100B – FEBRUARY 1989 – REVISED AUGUST 1994
2–15
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251–1443
TYPICAL CHARACTERISTICS†
01
2345
60
50
40
30
20
10
SHORT-CIRCUIT OUTPUT CURRENT
vs
ELAPSED TIME
SUPPLY CURRENT
vs
TOTAL SUPPLY VOLTAGE
VCC + – VCC – – Total Supply Voltage – V
TA = 125°C
5
4
3
2
1
515
25
35
45
t – Time – minutes
VCC
± = ± 15 V
TA = 25°C
IOS +
TA = – 55°C
IOS –
TA = 25°C
Figure 28
Figure 29
OP27
VOLTAGE FOLLOWER
SMALL-SIGNAL
PULSE RESPONSE
80
60
40
20
0
– 20
– 40
– 60
– 80
t – Time –
µs
0
0.5
1
1.5
2
2.5
3
VCC
± = ±15 V
AV = 1
CL = 15 pF
TA = 25°C
OP27
VOLTAGE FOLLOWER
LARGE-SIGNAL
PULSE RESPONSE
8
6
4
0
– 2
– 4
– 6
– 8
2
t – Time –
µs
02
46
8
10
12
VCC
± = ± 15 V
AV = – 1
TA = 25°C
Figure 30
Figure 31
† Data for temperatures below – 25
°C and above 85°C are applicable to the OP27A, OP27C, OP37A, and OP37C only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com