Electronic Components Datasheet Search
  English  ▼

X  

OP37AP Datasheet(PDF) 16 Page - Texas Instruments

Part # OP37AP
Description  LOW-NOISE HIGH-SPEED PRECISION OPERATIONAL AMPLIFIERS
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OP37AP Datasheet(HTML) 16 Page - Texas Instruments

Back Button OP37AP Datasheet HTML 12Page - Texas Instruments OP37AP Datasheet HTML 13Page - Texas Instruments OP37AP Datasheet HTML 14Page - Texas Instruments OP37AP Datasheet HTML 15Page - Texas Instruments OP37AP Datasheet HTML 16Page - Texas Instruments OP37AP Datasheet HTML 17Page - Texas Instruments OP37AP Datasheet HTML 18Page - Texas Instruments OP37AP Datasheet HTML 19Page - Texas Instruments OP37AP Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 21 page
background image
OP27A, OP27C, OP27E, OP27G
OP37A, OP37C, OP37E, OP37G
LOW-NOISE HIGH-SPEED PRECISION OPERATIONAL AMPLIFIERS
SLOS100B – FEBRUARY 1989 – REVISED AUGUST 1994
2–16
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251–1443
TYPICAL CHARACTERISTICS
OP37
VOLTAGE-FOLLOWER
SMALL-SIGNAL PULSE RESPONSE
80
60
40
20
0
– 20
– 40
– 60
– 80
t – Time –
µs
0
0.2
0.4
0.6
0.8
1
1.2
VCC
± = ±15 V
AV = 5
CL = 15 pF
TA = 25°C
OP37
VOLTAGE-FOLLOWER
LARGE-SIGNAL PULSE RESPONSE
8
6
4
0
– 2
– 4
– 6
– 8
2
t – Time –
µs
012
345
6
VCC
± = ±15 V
AV = 5
TA = 25°C
Figure 32
Figure 33
APPLICATION INFORMATION
general
The OP27 and OP37 series devices can be inserted directly onto OP07, OP05,
µA725, and SE5534 sockets
with or without removing external compensation or nulling components. In addition, the OP27 and OP37 can
be fitted to
µA741 sockets by removing or modifying external nulling components.
noise testing
Figure 34 shows a test circuit for 0.1-Hz to 10-Hz peak-to-peak noise measurement of the OP27 and OP37. The
frequency response of this noise tester indicates that the 0.1-Hz corner is defined by only one zero. Because
the time limit acts as an additional zero to eliminate noise contributions from the frequency band below 0.1 Hz,
the test time to measure 0.1-Hz to 10-Hz noise should not exceed 10 seconds.
Measuring the typical 80-nV peak-to-peak noise performance of the OP27 and OP37 requires the following
special test precautions:
1.
The device should be warmed up for at least five minutes. As the operational amplifier warms up, the
offset voltage typically changes 4
µV due to the chip temperature increasing from 10°C to 20°C starting
from the moment the power supplies are turned on. In the 10-s measurement interval, these
temperature-induced effects can easily exceed tens of nanovolts.
2.
For similar reasons, the device should be well shielded from air currents to eliminate the possibility of
thermoelectric effects in excess of a few nanovolts, which would invalidate the measurements.
3.
Sudden motion in the vicinity of the device should be avoided, as it produces a feedthrough effect that
increases observed noise.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com