Electronic Components Datasheet Search
  English  ▼

X  

OP37CP Datasheet(PDF) 13 Page - Texas Instruments

Part # OP37CP
Description  LOW-NOISE HIGH-SPEED PRECISION OPERATIONAL AMPLIFIERS
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OP37CP Datasheet(HTML) 13 Page - Texas Instruments

Back Button OP37CP Datasheet HTML 9Page - Texas Instruments OP37CP Datasheet HTML 10Page - Texas Instruments OP37CP Datasheet HTML 11Page - Texas Instruments OP37CP Datasheet HTML 12Page - Texas Instruments OP37CP Datasheet HTML 13Page - Texas Instruments OP37CP Datasheet HTML 14Page - Texas Instruments OP37CP Datasheet HTML 15Page - Texas Instruments OP37CP Datasheet HTML 16Page - Texas Instruments OP37CP Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 21 page
background image
OP27A, OP27C, OP27E, OP27G
OP37A, OP37C, OP37E, OP37G
LOW-NOISE HIGH-SPEED PRECISION OPERATIONAL AMPLIFIERS
SLOS100B – FEBRUARY 1989 – REVISED AUGUST 1994
2–13
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251–1443
TYPICAL CHARACTERISTICS†
OP27
PHASE MARGIN AND
GAIN-BANDWIDTH PRODUCT
vs
FREE-AIR TEMPERATURE
TA – Free-Air Temperature – °C
– 75
– 50
– 25
0
50
75
100
125
25
VCC
± = ±15 V
GBW (f = 100 kHz)
75
°
65
°
55
°
45
°
35
°
8.6
8.2
7.8
7.4
7
80
°
75
°
70
°
65
°
60
°
55
°
50
°
45
°
40
°
35
°
30
°
– 50
– 25
0
25
50
75
100
125
TA – Free-Air Temperature – °C
OP37
PHASE MARGIN AND
GAIN-BANDWIDTH PRODUCT
vs
FREE-AIR TEMPERATURE
GBW (f = 10 kHz)
85
80
75
70
65
60
55
50
45
40
φm
φm
VCC
± = ±15 V
80
°
70
°
60
°
50
°
40
°
85
°
10.6
10.2
9.8
9.4
9
11
Figure 20
Figure 21
EQUIVALENT INPUT NOISE VOLTAGE
vs
BANDWIDTH
VCC
± = ±15 V
RS = 20 Ω
TA = 25°C
10
1
0.1
0.01
0.1
110
100
Bandwidth – kHz
(0.1 Hz to frequency indicated)
TOTAL EQUIVALENT INPUT NOISE VOLTAGE
vs
SOURCE RESISTANCE
10 k
1 k
100
100
10
1
RS – Source Resistance – Ω
–
+
RS = R1 + R2
R1
R2
f = 1 kHz
Resistor Noise Only
f = 10 Hz
VCC
± = ±15 V
BW = 1 Hz
TA = 25°C
Figure 22
Figure 23
† Data for temperatures below – 25
°C and above 85°C are applicable to the OP27A, OP27C, OP37A, and OP37C only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com