Electronic Components Datasheet Search
  English  ▼

X  

OP37CP Datasheet(PDF) 19 Page - Texas Instruments

Part # OP37CP
Description  LOW-NOISE HIGH-SPEED PRECISION OPERATIONAL AMPLIFIERS
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OP37CP Datasheet(HTML) 19 Page - Texas Instruments

Back Button OP37CP Datasheet HTML 13Page - Texas Instruments OP37CP Datasheet HTML 14Page - Texas Instruments OP37CP Datasheet HTML 15Page - Texas Instruments OP37CP Datasheet HTML 16Page - Texas Instruments OP37CP Datasheet HTML 17Page - Texas Instruments OP37CP Datasheet HTML 18Page - Texas Instruments OP37CP Datasheet HTML 19Page - Texas Instruments OP37CP Datasheet HTML 20Page - Texas Instruments OP37CP Datasheet HTML 21Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 19 / 21 page
background image
OP27A, OP27C, OP27E, OP27G
OP37A, OP37C, OP37E, OP37G
LOW-NOISE HIGH-SPEED PRECISION OPERATIONAL AMPLIFIERS
SLOS100B – FEBRUARY 1989 – REVISED AUGUST 1994
2–19
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251–1443
APPLICATION INFORMATION
offset voltage and drift (continued)
The circuit shown in Figure 38 measures offset voltage. This circuit can also be used as the burn-in configuration
for the OP27 and OP37 with the supply voltage increased to 20 V, R1 = R3 = 10 k
Ω, R2 = 200 Ω, and
AVD = 100.
15 V
+
–
–15 V
R1
50 k
Ω
R2
100
Ω
R3
50 k
Ω
VO = 1000 VIO
2
3
6
7
4
NOTE A: Resistors must have low thermoelectric potential.
Figure 38. Test Circuit for Offset Voltage and Offset Voltage
Temperature Coefficient
unity gain buffer applications
The resulting output waveform, when Rf ≤ 100 Ω and the input is driven with a fast large-signal pulse (> 1 V),
is shown in the pulsed-operation diagram in Figure 39.
+
–
Rf
Output
2.8 V/
µs
OP27
Figure 39. Pulsed Operation
During the initial (fast-feedthrough-like) portion of the output waveform, the input protection diodes effectively
short the output to the input, and a current, limited only by the output short-circuit protection, is drawn by the
signal generator. When Rf ≥ 500 Ω, the output is capable of handling the current requirements (load
current
≤ 20 mA at 10 V), the amplifier stays in its active mode, and a smooth transition occurs. When
Rf > 2 kΩ, a pole is created with Rf and the amplifier’s input capacitance, creating additional phase shift and
reducing the phase margin. A small capacitor (20 pF to 50 pF) in parallel with Rf eliminates this problem.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com