Electronic Components Datasheet Search
  English  ▼

X  

PT6621 Datasheet(PDF) 1 Page - Texas Instruments

Part # PT6621
Description  6 AMP 12V INPUT INTEGRATED SWITCHING REGULATOR
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PT6621 Datasheet(HTML) 1 Page - Texas Instruments

  PT6621 Datasheet HTML 1Page - Texas Instruments PT6621 Datasheet HTML 2Page - Texas Instruments PT6621 Datasheet HTML 3Page - Texas Instruments PT6621 Datasheet HTML 4Page - Texas Instruments PT6621 Datasheet HTML 5Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Standard Application
C1 = Required 330µF electrolytic
C2 = Required 330µF electrolytic
Q1= NFET-or Open Collector Gate
6 AMP 12V INPUT
INTEGRATED SWITCHING REGULATOR
PT6620
Series
PT6620
4,5,6
7,8,9,10
11,12,13
V
IN
COM
COM
V
OUT
C
2
+
C
1
+
1
3
STBY
Q
1
REMOTE SENSE
LOAD
Ordering Information
PT6621
¨ = +3.3 Volts
PT6622
¨ = +1.5 Volts
PT6623
¨ = +2.5 Volts
PT6624
¨ = +3.6 Volts
PT6625
¨ = +5.0 Volts
PT6626
¨ = +9.0 Volts
• Single Device: 6A Output
• Input Voltage Range: 9V to 14V
• Adjustable Output Voltage
• 83% Efficiency
• Remote Sense Capability
• Standby Function
• Over-Temperature Protection
The PT6620 series is a new addition
to Power Trends’ line of 12V bus Inte-
grated Switching Regulators (ISRs).
Designed for stand-alone operation in
applications requiring as much as 6A of
output current, the PT6620 is packaged
in a 14-Pin SIP (Single In-line Package)
and is available in a surface-mount con-
figuration.
Only two external capacitors are
required for proper operation. Please
note that this product does not include
short circuit protection.
PT Series Suffix (PT1234X)
Case/Pin
Heat
Heat Spreader
Configuration
Spreader with Side Tabs
Vertical Through-Hole
PR
Horizontal Through-Hole DG
Horizontal Surface Mount EB
Pin
Function
1
Remote Sense
2
Do Not Connect
3
STBY*- Standby
4Vin
5Vin
6Vin
7
GND
8
GND
9
GND
10
GND
11
Vout
12
Vout
13
Vout
14
Vout Adjust
Pin-Out Information
For assistance or to order, call (800) 531-5782
48
Power Trends, Inc. 27715 Diehl Road, Warrenville, IL 60555 (800) 531-5782 Fax: (630) 393-6902 http://www.powertrends.com
Note: Back surface
of product is
conducting metal
Pkg Style 400
Specifications
Characteristics
PT6620 SERIES
(T
a = 25°C unless noted)
Symbols
Conditions
Min
Typ
Max
Units
Output Current
Io
Ta = 60°C, 200 LFM, pkg P
0.1*
—
6.0**
A
Ta = 25°C, natural convection
0.1*
—
6.5**
A
Input Voltage Range
Vin
0.1A
≤ Io ≤ 6.0A
Vo ≤ +5V
+9
—
+14
V
+6V
≤Vo≤+9V
Vo+3
—
+14
V
Output Voltage Tolerance
∆Vo
Vin = +12V, Io = 6.0A
Ta = 0 to 60°C
Vo-0.1
—
Vo+0.1
V
Output Voltage Adjust Range
Voadj
Pin 14 to Vo or ground
Vo = +3.3V
2.3
—
4.5
Vo = +1.5V
1.4
—
2.7
Vo = +2.5V
1.9
—
3.7
V
Vo = +3.6V
2.5
—
4.8
Vo = +5.0V
2.9
—
6.5
Vo = +9.0V
5.2
—
10.0
Line Regulation
Regline
+9V
≤Vin≤+14V, Io = 6.0A
—
±0.5
±1.0
%Vo
Load Regulation
Regload
Vin = +12V, 0.1≤ Io≤6.0A
—
±0.5
±1.0
%Vo
Vo Ripple/Noise
Vn
Vin = +12V, Io = 6.0A
Vo < +6V
—
50
—
mVpp
Vo > +6V
—
1.0
—
%Vo
Transient Response
ttr
Io step between 3.0A and 6.0A
—
100
—
µSec
with C2 = 330µF
Vos
Vo over/undershoot
—
150
—
mV
Efficiency
η
Vin = +12V, Io = 3.0A
Vo= +3.3/3.6V
—
84
—
%
Vo = +1.5V
—
68
—
%
Vo = +2.5V
—
76
—
%
Vo = +5.0V
—
86
—
%
Vo = +9.0V
—
93
—
%
Vin = +12V, Io =6.0A
Vo= +3.3/3.6V
—
83
—
%
Vo = +1.5V
—
66
—
%
Vo = +2.5V
—
75
—
%
Vo = +5.0V
—
85
—
%
Vo = +9.0V
—
92
—
%
*
ISR will operate down to no load with reduced specifications.
**
See SOA curves - Output power is limited to 30W maximum.
Note: The PT6620 Series requires a 330µF(output) and 330µF(input) electrolytic capacitors for proper operation in all applications.
Revised 2/5/99
Application Notes
Mechanical Outline
Product Selector Guide


Similar Part No. - PT6621

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PT6621 TI1-PT6621 Datasheet
517Kb / 19P
Single Device: 6-A Output
PT6621B TI1-PT6621B Datasheet
517Kb / 19P
Single Device: 6-A Output
PT6621E TI1-PT6621E Datasheet
517Kb / 19P
Single Device: 6-A Output
PT6621F TI1-PT6621F Datasheet
517Kb / 19P
Single Device: 6-A Output
PT6621L TI1-PT6621L Datasheet
517Kb / 19P
Single Device: 6-A Output
More results

Similar Description - PT6621

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
78ST212 TI-78ST212 Datasheet
187Kb / 3P
12V 2 AMP POSITIVE STEP-DOWN INTEGRATED SWITCHING REGULATOR
Revised 6/30/98
PT6650 TI-PT6650 Datasheet
242Kb / 5P
5 AMP 24V INPUT INTEGRATED SWITCHING REGULATOR
PT78ST200 TI-PT78ST200 Datasheet
191Kb / 3P
12V 2 AMP POSITIVE STEP-DOWN INTEGRATED SWITCHING REGULATOR
PT5071 TI-PT5071 Datasheet
130Kb / 3P
1.5 Amp, 12V Step-Up/Step-Down Integrated Switching Regulator
SLTS102A TI-SLTS102A Datasheet
194Kb / 8P
14-A 12V-Input Adjustable Integrated Switching Regulator
PT6980 TI-PT6980 Datasheet
272Kb / 12P
10-A 12V-Input Dual Output Integrated Switching Regulator
SLTS060A TI1-SLTS060A Datasheet
475Kb / 3P
12V 2 Amp Positive Step-Down Integrated Switching Regulator
PT5120 TI1-PT5120 Datasheet
474Kb / 4P
1 AMP LOW VOLTAGE INPUT INTEGRATED SWITCHING REGULATOR
PT6680 TI1-PT6680 Datasheet
157Kb / 6P
5 Amp 18-36V Input Integrated Switching Regulator
PT6405D TI1-PT6405D Datasheet
527Kb / 7P
3 Amp 5V Input Adjustable Integrated Switching Regulator
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com