Electronic Components Datasheet Search
  English  ▼

X  

PT6621 Datasheet(PDF) 2 Page - Texas Instruments

Part # PT6621
Description  6 AMP 12V INPUT INTEGRATED SWITCHING REGULATOR
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PT6621 Datasheet(HTML) 2 Page - Texas Instruments

  PT6621 Datasheet HTML 1Page - Texas Instruments PT6621 Datasheet HTML 2Page - Texas Instruments PT6621 Datasheet HTML 3Page - Texas Instruments PT6621 Datasheet HTML 4Page - Texas Instruments PT6621 Datasheet HTML 5Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
CHARACTERISTIC
DA T A
PT6620
Series
For assistance or to order, call (800) 531-5782
49
Power Trends, Inc. 27715 Diehl Road, Warrenville, IL 60555 (800) 531-5782 Fax: (630) 393-6902 http://www.powertrends.com
PT6621P, 3.3V
Note:
SOA curves represent operating conditions at which internal components are at or below manufacturer’s maximum rated operating temperatures.
Efficiency vs Output Current
Output Current (A)
Output Current (A)
Airflow
Recommended Maximum
Operating Temperature
Output Current (A)
Airflow
PT6620 Series @V
PT6620 Series @V
PT6620 Series @V
PT6620 Series @V
PT6620 Series @Vin=+12V
in=+12V
in=+12V
in=+12V
in=+12V
Recommended Maximum
Operating Temperature
Specifications (continued)
Characteristics
PT6620 SERIES
(T
a = 25°C unless noted)
Symbols
Conditions
Min
Typ
Max
Units
Switching Frequency
ƒo
9V
≤ Vin ≤ 14V
500
650
775
kHz
0.1A
≤ Io ≤ 6.0A
PT6622
500
550
600
kHz
Recommended Operating
Ta
Free Air Convection (40-60 LFM)
-40
—
+65**
°C
Temperature Range
Over Vin and Io ranges with heat tab
Absolute Maximum
Ta
-40
—
+85
°C
Operating Temperature Range
Storage Temperature
Ts
—
-40
—
+125
°C
Mechanical Shock
—
Per Mil-STD-883D, Method 2002.3
—
500
—
G’s
Mechanical Vibration
—
Per Mil-STD-883D, Method 2007.2,
—
7.5
—
G’s
20-2000 Hz, soldered in a PC board
Weight
—
—
—
14
—
grams
**
See SOA curves - Output power is limited to 30W maximum.
Note:
The PT6620 Series requires a 330µF(output) and 100µF(input) electrolytic capacitors for proper operation in all applications.
PT6622P, 1.5V
Output Ripple vs Output Current
Power Dissipation vs Output Current
Output Current (A)
Output Current (A)
Safe Operating Area Curves @V
Safe Operating Area Curves @V
Safe Operating Area Curves @V
Safe Operating Area Curves @V
Safe Operating Area Curves @Vin=+12V
in=+12V
in=+12V
in=+12V
in=+12V
20
30
40
50
60
70
80
90
0123
4
567
Nat conv
60LFM
120LFM
200LFM
20
30
40
50
60
70
80
90
01
2
3
45
67
N at c onv
60LF M
120LF M
200LF M
Output Current (A)
Airflow
Recommended Maximum
Operating Temperature
PT6625P, 5.0V
20
30
40
50
60
70
80
90
0
1
2345
6
7
Na t c o n v
60LF M
120LF M
200LF M
40
50
60
70
80
90
100
01
23
456
PT6621
PT6622
PT6623
PT6625
PT6626
0
5
10
15
20
25
30
01
234
56
PT6621
PT6622
PT6623
PT6625
PT6626
0
1
2
3
4
5
01
23
456
P T6621
P T6622
P T6623
P T6625
P T6626



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com