Electronic Components Datasheet Search
  English  ▼

X  

PT6901 Datasheet(PDF) 1 Page - Texas Instruments

Part # PT6901
Description  12 WATT PLUS TO MINUS VOLTAGE CONVERTER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PT6901 Datasheet(HTML) 1 Page - Texas Instruments

  PT6901 Datasheet HTML 1Page - Texas Instruments PT6901 Datasheet HTML 2Page - Texas Instruments PT6901 Datasheet HTML 3Page - Texas Instruments PT6901 Datasheet HTML 4Page - Texas Instruments PT6901 Datasheet HTML 5Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
For assistance or to order, call (800) 531-5782
Power Trends, Inc. 27715 Diehl Road, Warrenville, IL 60555 (800) 531-5782 Fax: (630) 393-6902 http://www.powertrends.com
28
Application Notes
Mechanical Outline
Product Selector Guide
PT6900
Series
Standard Application
12 WATT PLUS TO MINUS VOLTAGE
CONVERTER
Ordering Information
PT6901t
t
t
t
t = -2.0 Volts
PT6902t
t
t
t
t = -5.2 Volts
Cin = Required 330µF electrolytic
Cout = Required 330µF electrolytic
Features
• Single-Device: +5V input
• Remote Sense
• Input Voltage Range:
4.75V to 5.5V
• Adjustable Output Voltage
• 23-pin SIP Package
Pin Function
1
Do not connect
2Vout Adjust
3Vin
4Vin
5Vin
6Vin
7Vin
8
Remote Sense GND
9
GND
10
GND
11
GND
12
GND
Pin
Function
13
GND
14
GND
15
GND
16
Vout
17
Vout
18
Vout
19
Vout
20
Vout
21
Vout
22
Remote Sense Vout
23
Do not connect
Pin-Out Information
The PT6900 is a new series of plus to
minus high- performance, 12 watt voltage
converters housed in a 23-pin SIP package.
The PT6900 is designed to supply
regulated negative voltages for power-
ing the latest ECL (-5.2V) and
GaAs (-2.0V) ICs used in high-speed
fiber optic communications. A 330µF
electrolytic capacitor is required on the
input and output for proper operation.
(For dimensions and PC board layout,
see Package Styles 1100 and 1110.)
Cout
Cin
PT6900
16-21
9-15
3-7
2
V
ADJ
-V
OUT
GND
GND
+V
IN
+
+
22
Remote Sense
Remote Sense
8
PT Series Suffix (PT1234X)
Case/Pin
Configuration
Vertical Through-Hole
N
Horizontal Through-Hole
A
Horizontal Surface Mount
C
Specifications
Characteristics
PT6900 SERIES
(T
a= 25°C unless noted)
Symbols
Conditions
Min
Typ
Max
Units
Output Current
Io
Ta = +60°C, 200 LFM, pkg N Vo = -2.0V
0.1*
—6
A
Vo = -5.2V
0.1*
—
2.5
A
Ta = +25°C, natural convection Vo = -2.0V
0.1*
—6
A
Vo = -5.2V
0.1*
—
2.5
A
Input Voltage Range
Vin
0.1A
≤ Io ≤ Imax
4.75
—
5.5
V
Output Voltage Tolerance
∆Vo
Vin = +5V, Io = Imax
Vo-0.05
—
Vo+0.05
V
0°C
≤ Ta ≤ +60°C
Line Regulation
Regline
4.75V
≤ Vin ≤ 5.5V, Io = Imax
—
±0.5
±1.0
%
Load Regulation
Regload
Vin = +5V, 0.1 ≤ Io ≤ Imax
—
±0.5
±1.0
%
Vo Ripple/Noise
Vn
Vin = +5V, Io = Imax
Vo = -2.0V
—
40
—
mV
Vo = -5.2V
—
100
—
mV
Transient Response
ttr
Io step between 0.5xImax and Imax
—
100
—
µSec
with Cout = 330µF
Vos
Vo over/undershoot
Vo = -2.0V
—
100
—
mV
Vo = -5.2V
—
200
—
mV
Efficiency
η
Vin = +5V, Io = 0.5xImax,
Vo = -2.0V
—
70
—
%
Switching Frequency
ƒo
4.75V
≤ Vin ≤ 5.5V
500
——
kHz
0.1A
≤ Io ≤ Imax
Absolute Maximum
Ta
—
0
—
+85
°C
Operating Temperature Range
Recommended Operating
Ta
Forced airflow = 200 LFM
0
—
+60
°C
Temperature Range
Over Vin and Io Ranges
Storage Temperature
Ts
—
-40
—
+125
°C
Weight
—
Vertical/Horizontal
—
28/33
—
grams
* ISR-will operate down to no load with reduced specifications. Please note that this product is not short-circuit protected.
Revised 11/12/98
Note:
Case must be connected to
ground pins for proper operation


Similar Part No. - PT6901

ManufacturerPart #DatasheetDescription
logo
Princeton Technology Co...
PT6901 PTC-PT6901 Datasheet
230Kb / 4P
High Power LED Driver
PT6901 PTC-PT6901 Datasheet
230Kb / 4P
High Power LED Driver
PT6901-SA PTC-PT6901-SA Datasheet
230Kb / 4P
High Power LED Driver
PT6901-SA PTC-PT6901-SA Datasheet
230Kb / 4P
High Power LED Driver
logo
Texas Instruments
PT6901N TI1-PT6901N Datasheet
439Kb / 7P
12 Watt 5V/3.3V Input Plus to Minus Voltage Converter
More results

Similar Description - PT6901

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PT78NR100 TI-PT78NR100 Datasheet
218Kb / 3P
1 AMP PLUS TO MINUS VOLTAGE INTEGRATED SWITCHING REGULATOR
PT6915 TI-PT6915 Datasheet
107Kb / 5P
12 Watt 5V/3.3V Input Plus to Minus Voltage Converter SLTS113
SLTS058B TI-SLTS058B Datasheet
178Kb / 6P
1 Amp Plus to Minus Voltage Integrated Switching Regulator
PT78NR200 TI-PT78NR200 Datasheet
62Kb / 2P
10-12W Plus to Minus Voltage Integrated Switching Regulator
logo
List of Unclassifed Man...
SLTS113 ETC1-SLTS113 Datasheet
121Kb / 5P
12 Watt 5V/3.3V Input Plus to Minus Voltage Converter
logo
Texas Instruments
PT6910 TI-PT6910 Datasheet
131Kb / 7P
12 Watt 5V/3.3V Input Plus to Minus Voltage Converter
logo
AIMTEC
AMSR1-78-NZ AIMTEC-AMSR1-78-NZ Datasheet
235Kb / 3P
Up to 12 Watt | DC-DC Converter
AMSR1-78-NZ AIMTEC-AMSR1-78-NZ_1 Datasheet
199Kb / 3P
Up to 12 Watt | DC-DC Converter
AM12TW-Z AIMTEC-AM12TW-Z_13 Datasheet
283Kb / 4P
12 Watt | DC-DC Converter
logo
Texas Instruments
PT6905A TI1-PT6905A Datasheet
439Kb / 7P
12 Watt 5V/3.3V Input Plus to Minus Voltage Converter
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com