Electronic Components Datasheet Search
  English  ▼

X  

PT6901 Datasheet(PDF) 3 Page - Texas Instruments

Part # PT6901
Description  12 WATT PLUS TO MINUS VOLTAGE CONVERTER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PT6901 Datasheet(HTML) 3 Page - Texas Instruments

  PT6901 Datasheet HTML 1Page - Texas Instruments PT6901 Datasheet HTML 2Page - Texas Instruments PT6901 Datasheet HTML 3Page - Texas Instruments PT6901 Datasheet HTML 4Page - Texas Instruments PT6901 Datasheet HTML 5Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
For assistance or to order, call (800) 531-5782
3
Power Trends, Inc. 27715 Diehl Road, Warrenville, IL 60555 (800) 531-5782 Fax: (630) 393-6902 http://www.powertrends.com
Application
Notes
PT6900 Series
More Application Notes
Adjusting the Output Voltage of the
PT6900 Positive to Negative Converter Series
The negative output voltage of the Power Trends PT6900 Se-
ries ISRs may be adjusted higher or lower than the factory
trimmed pre-set voltage with the addition of a single external
resistor. Table 1 accordingly gives the allowable adjustment
range for each model in the series as Va (min) and Va (max).
Adjust Up:
An increase in the output voltage is obtained by
adding a resistor R2, between pin 2 (Vo adjust) and pin 8
(Remote Sense GND).
Adjust Down:
Add a resistor (R1), between pin 2 (Vo adjust) and
pin 22 (Remote Sense Vo).
Refer to Figure 1 and Table 2 for both the placement and value
of the required resistor, either (R1) or R2 as appropriate.
Notes:
1. Use only a single 1% resistor in either the (R1) or R2 loca-
tion. Place the resistor as close to the ISR as possible.
2. Never connect capacitors from Vo adjust to either GND,
Vout, or the Sense pins. Any capacitance added to the
Vo adjust pin will affect the stability of the ISR.
3. If the sense pins are not being used, the resistors (R1) and R2
can be connected to Vout and GND respectively.
4. An increase in the output voltage must be accompanied by a
corresponding reduction in the maximum output current.
The revised maximum output current must be reduced to
the equivalent of 12Watts.
i.e.
Iout (max)
=
12
Adc,
Va
where Va is the adjusted output voltage.
Figure 1
The respective values of (R1) [adjust down], and R2 [adjust up],
can also be calculated using the following formulae.
(R1)
=
24.9 (2Va – Vo)
– Rs
k
Ω
2(Vo – Va)
R2
=
24.9 Vo
– Rs
k
Ω
2(Va – Vo)
Where:
Vo = Original output voltage
Va = Adjusted output voltage
Rs = The resistance given in Table 1
Table1
PT6900 ADJUSTMENT RANGE AND FORMULA PARAMETERS
Series Pt #
PT6903
PT6901
PT6902
Vo (nom)
-1.5V
-2.0V
-5.2V
Va (min)
-1.1V
-1.4V
-3.7V
Va (max)
-2.9V
-4.4V
-8.9V
Rs (k
Ω
Ω
Ω
Ω
Ω)
12.7
10.0
17.4
C
in
330
µF
+
C
out
330
µF
R2
(Up)
(R1)
(Down)
COM
COM
Vout(-)
+Vin
PT6900
16 - 21
2
9 - 15
3 - 7
+Vin
-Vo
G N D
Vo(adj)
Vo(sense)
22
8
GND(sense)
L
O
A
D



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com