Electronic Components Datasheet Search
  English  ▼

X  

GC4014-PQ Datasheet(PDF) 39 Page - Texas Instruments

Part # GC4014-PQ
Description  QUAD RECEIVER CHIP
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

GC4014-PQ Datasheet(HTML) 39 Page - Texas Instruments

Back Button GC4014-PQ Datasheet HTML 35Page - Texas Instruments GC4014-PQ Datasheet HTML 36Page - Texas Instruments GC4014-PQ Datasheet HTML 37Page - Texas Instruments GC4014-PQ Datasheet HTML 38Page - Texas Instruments GC4014-PQ Datasheet HTML 39Page - Texas Instruments GC4014-PQ Datasheet HTML 40Page - Texas Instruments GC4014-PQ Datasheet HTML 41Page - Texas Instruments GC4014-PQ Datasheet HTML 42Page - Texas Instruments GC4014-PQ Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 46 page
background image
GRAYCHIP, INC.
- 34 -
APRIL 27, 1999
GC4014 QUAD RECEIVER CHIP
DATA SHEET REV 0.6
This document contains information which may be changed at any time without notice
7.6
DAMPS APPLICATION
The chip meets the DAMPS out of band rejection requirements by using the narrow CFIR mode. The overall
response using the narrow CFIR mode and a programmable PFIR filter coefficient set targeted towards DAMPS is
shown in Figure 12, along with the out of band rejection mask for DAMPS. The in-band response matches the
desired root-raised-cosine receive filter shape to within 0.1 dB.
Figure 12. Overall Frequency Response for DAMPS
This response assumes the input sample rate is equal to 16*N*B, where N is the decimation in the CIC filter
(See Section 5.3) and B is the DAMPS symbol (baud) rate (24.3 KHz). The data is output as four complex samples
per symbol (97.2 KHz) when the PFIR is in the decimate by 2 mode (DEC_BY_4 = 0 in register 13), or is output as
two samples per symbol (24.3 KHz) when the PFIR is in the decimate by 4 mode (DEC_BY_4=1).
The programmable PFIR coefficients for the DAMPS mode are:
264, 398, 413, 286, 34, -286, -584, -761, -729, -442, 85, 766, 1451,
1954, 2086, 1708, 768, -660, -2371, -4041, -5269, -5640, -4801, -2532,
1194, 6185, 12037, 18172, 23923, 28618, 31691, 32759
DAMPS Adjacent Channel Requirements
DAMPS Blocker Requirements



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com