Electronic Components Datasheet Search
  English  ▼

X  

GC4014-PQ Datasheet(PDF) 13 Page - Texas Instruments

Part # GC4014-PQ
Description  QUAD RECEIVER CHIP
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

GC4014-PQ Datasheet(HTML) 13 Page - Texas Instruments

Back Button GC4014-PQ Datasheet HTML 9Page - Texas Instruments GC4014-PQ Datasheet HTML 10Page - Texas Instruments GC4014-PQ Datasheet HTML 11Page - Texas Instruments GC4014-PQ Datasheet HTML 12Page - Texas Instruments GC4014-PQ Datasheet HTML 13Page - Texas Instruments GC4014-PQ Datasheet HTML 14Page - Texas Instruments GC4014-PQ Datasheet HTML 15Page - Texas Instruments GC4014-PQ Datasheet HTML 16Page - Texas Instruments GC4014-PQ Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 46 page
background image
GRAYCHIP, INC.
- 8 -
APRIL 27, 1999
GC4014 QUAD RECEIVER CHIP
DATA SHEET REV 0.6
This document contains information which may be changed at any time without notice
The dashed vertical line in the plots shows the output Nyquist rate for the chip when the PFIR is in the
decimate by 2 mode. The narrow mode filter introduces a gain of 1.97 (5.9 dB).
3.3.5
The Programmable Final Filter (PFIR)
The second stage decimate by two or four filter uses either internal ROM based coefficients, or externally
downloaded filter coefficients. The internal 80% bandwidth filter has 80 dB of out of band image rejection and 0.03
dB peak to peak passband ripple. The internal filter is a 63 tap symmetric filter. The 32 unique coefficients are:
-14, -20, 19, 73, 43, -70, -82, 84, 171, -49, -269, -34, 374, 192, -449,
-430, 460, 751, -357, -1144, 81, 1581, 443, -2026, -1337, 2437, 2886,
-2770, -6127, 2987, 20544, 29647
Figure 9(a) shows the overall response for the internal PFIR when the CFIR is in the normal mode. Figure
9(b) shows the overall response when the CFIR is in the narrow mode. Note that the peaks in the stop band at 3.5
times the output sample rate will, after decimation, fold into the transition band from 0.4 to 0.5 of the output sample
rate. This out of band power, if necessary, can be filtered out by either using a custom PFIR filter with a narrower
passband, or by post-filtering.
An overall response using custom coefficients suitable to meet the stringent GSM Cellular requirements is
shown in Figure 9(c). See Sections 7.5 and 7.6 for more details on GSM and DAMPS configurations.
Figure 9. Overall CIC-CFIR-PFIR Response
The externally downloaded coefficients can be used to tailor the spectral response to the user’s needs. For
example, it can be programmed as a Nyquist (typically a root-raised-cosine) filter for matched filtering digital data.
The user downloaded filter coefficients are 16 bit 2’s complement numbers. Unity gain will be achieved through the
filter if the sum of the 63 coefficients is equal to 65536. If the sum is not 65536, then the PFIR will introduce a gain
equal to (sum of coefficients)/65536.
The 63 coefficients are identified as coefficients h0 through h62, where h31 is the center tap. The coefficients
are assumed to be symmetric, so only the first 32 coefficients (h0 through h31) are loaded into the chip. A
non-symmetric mode allows the user to download a 32 tap non-symmetric filter as taps h0 through h31. ERRATA:
The non-symmetry mode does not work properly for parts marked with mask code 55532B, Contact GRAYCHIP for
details.
(a) Normal CFIR Mode
(b) Narrow CFIR Mode
Peaks fold into
transition band
Peaks fold into
transition band
(c) GSM Coefficients



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com