Electronic Components Datasheet Search
  English  ▼

X  

CS2322 Datasheet(PDF) 1 Page - High Voltage Power Solutions, Inc.

Part # CS2322
Description  HIGH VOLTAGE POWER SUPPLIES
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HVPSI [High Voltage Power Solutions, Inc.]
Direct Link  http://www.hvpsi.com
Logo HVPSI - High Voltage Power Solutions, Inc.

CS2322 Datasheet(HTML) 1 Page - High Voltage Power Solutions, Inc.

  CS2322 Datasheet HTML 1Page - High Voltage Power Solutions, Inc. CS2322 Datasheet HTML 2Page - High Voltage Power Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
2322 Series
HIGH VOLTAGE POWER SUPPLIES
3227 Skylane Drive
Carrollton, TX 75006
972-248-7691
www.hvpsi.com Rev.3
Specifications subject to change without prior notification
FEATURES
Non-Metallic Case
Cost Effective
Reliable Solid State Design
Maintenance Free
Automatic Over Current Shutdown and Recovery
High Frequency Switch-mode Design
• UL Recognized Versions Available
• RoHS Versions Available
• Formerly CS2322 Series
TYPICAL APPLICATIONS
Electrostatic Air Cleaners
Electrostatic Oil Cleaners
DESCRIPTION
The 2322 series of regulated solid state switching
power
supplies
is
designed
for
applications
requiring a medium duty High Voltage power
supply. Input voltage is 120 VAC (±10%), 50/60
Hz.
Connection for
"HV On" indicating LED is
provided.
The 2322 series is packaged in a nonmetallic
enclosure and may be installed in any position.
Consult the factory for additional information.
TYPICAL ELECTRICAL
SPECIFICATIONS
Input Voltage: 120VAC (±10%)
Input Frequency: 50/60 Hz
Output Voltage: 12 kVDC
Output Current: 1.5 mA Typical
Output Power: 20 W Max
Output Regulation: See Typical V-I Curve
Load: May be operated into any load condition
(capacitive, resistive or inductive) or no load.
Can withstand arcing and short circuits.
Isolated Output; High Voltage Referenced to
Earth Ground
TYPICAL MECHANICAL
SPECIFICATIONS
Case: Glass filled Noryl, UL 94V-1 Rated
Encapsulant: Filled Epoxy, UL 94V-0 Rated
Input Voltage Termination:
¼" black insulated terminals
"HV On" Indicating Light Termination:
¼" black insulated terminals
High Voltage Termination:
¼" red insulated terminals
Temperature Rating:
Operating 0º to +60ºC
Storage -40º to +85ºC
NOTICE:
This
power
supply
requires
adequate ground connection for operation.
Failure to provide ground could result in
failure of the power supply. Proper ground
connections must be made to input terminal
on the non-metallic case.


Similar Part No. - CS2322

ManufacturerPart #DatasheetDescription
logo
Power-One
CS2320-7R POWER-ONE-CS2320-7R Datasheet
147Kb / 4P
100 Watt DC-DC Converters
More results

Similar Description - CS2322

ManufacturerPart #DatasheetDescription
logo
High Voltage Power Solu...
ACN2132L8 HVPSI-ACN2132L8 Datasheet
56Kb / 2P
HIGH VOLTAGE POWER SUPPLIES
ACN2234L25 HVPSI-ACN2234L25_15 Datasheet
515Kb / 2P
High Voltage Power Supplies
ACN2422L10 HVPSI-ACN2422L10_15 Datasheet
608Kb / 2P
High Voltage Power Supplies
logo
TDK Electronics
152A-4KV-NEG TDK-152A-4KV-NEG Datasheet
209Kb / 1P
High Voltage Power Supplies
102A-1KV-POS TDK-102A-1KV-POS Datasheet
209Kb / 1P
High Voltage Power Supplies
102A-5KV-NEG TDK-102A-5KV-NEG Datasheet
209Kb / 1P
High Voltage Power Supplies
102A-20KV-POS TDK-102A-20KV-POS Datasheet
210Kb / 2P
High Voltage Power Supplies
April 07, 2022
102A-30KV-NEG TDK-102A-30KV-NEG Datasheet
210Kb / 2P
High Voltage Power Supplies
April 07, 2022
102A-6KV-POS TDK-102A-6KV-POS Datasheet
210Kb / 2P
High Voltage Power Supplies
April 07, 2022
152A-2KV-NEG TDK-152A-2KV-NEG Datasheet
210Kb / 2P
High Voltage Power Supplies
April 07, 2022
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com