Electronic Components Datasheet Search
  English  ▼

X  

CS2322 Datasheet(PDF) 2 Page - High Voltage Power Solutions, Inc.

Part # CS2322
Description  HIGH VOLTAGE POWER SUPPLIES
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HVPSI [High Voltage Power Solutions, Inc.]
Direct Link  http://www.hvpsi.com
Logo HVPSI - High Voltage Power Solutions, Inc.

CS2322 Datasheet(HTML) 2 Page - High Voltage Power Solutions, Inc.

  CS2322 Datasheet HTML 1Page - High Voltage Power Solutions, Inc. CS2322 Datasheet HTML 2Page - High Voltage Power Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2322 Series
HIGH VOLTAGE POWER SUPPLIES
3227 Skylane Drive
Carrollton, TX 75006
972-248-7691
www.hvpsi.com Rev.3
Specifications subject to change without prior notification
STANDARD
MODELS
INPUT
VOLTAGE
VAC
IONIZER
VOLTAGE
kVDC
COLLECTOR
VOLTAGE
kVDC
MAX
OUTPUT
CURRENT
mADC
ACN2322L10
120
10.0 kV
5.0kV neg
1.75
ACP2322L10
120
10.0 kV
5.0kV pos
1.75
ACN2322L12
120
12.0 kV
6.0kV neg
1.75
ACP2322L12
120
12.0 kV
6.0kV pos
1.75
Formerly CS2322 Series
2322 SERIES TYPICAL V-I CURVE
(Input 120VAC)
0
2
4
6
8
10
12
14
00.511.5
2
Iout (mA)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com