Electronic Components Datasheet Search
  English  ▼

X  

HC1S25 Datasheet(PDF) 16 Page - Altera Corporation

Part # HC1S25
Description  HardCopy Stratix Device Family
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

HC1S25 Datasheet(HTML) 16 Page - Altera Corporation

Back Button HC1S25 Datasheet HTML 12Page - Altera Corporation HC1S25 Datasheet HTML 13Page - Altera Corporation HC1S25 Datasheet HTML 14Page - Altera Corporation HC1S25 Datasheet HTML 15Page - Altera Corporation HC1S25 Datasheet HTML 16Page - Altera Corporation HC1S25 Datasheet HTML 17Page - Altera Corporation HC1S25 Datasheet HTML 18Page - Altera Corporation HC1S25 Datasheet HTML 19Page - Altera Corporation HC1S25 Datasheet HTML 20Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 110 page
background image
2–10
Altera Corporation
September 2008
Document Revision History
1
Some HARDCOPY_FPGA_PROTOTYPE devices, as indicated
in Table 2–8, have fewer M-RAM blocks compared to the
equivalent Stratix FPGAs. The selective removal of these
resources provides a significant price benefit to designers using
HardCopy Stratix devices.
f
For more information about how the various features in the Quartus II
software can be used for designing HardCopy Stratix devices, refer to
the Quartus II Support for HardCopy Stratix Devices chapter of the
HardCopy Series Handbook.
HARDCOPY_FPGA_PROTOTYPE FPGA devices have the identical
speed grade as the equivalent Stratix FPGAs. However, HardCopy Stratix
devices are customized and do not have any speed grading. HardCopy
Stratix devices, on an average, can be 50% faster than their equivalent
HARDCOPY_FPGA_PROTOTYPE devices. The actual improvement is
design-dependent.
Document
Revision History
Table 2–9 shows the revision history for this chapter.
Table 2–8. M-RAM Block Comparison Between Various Devices
Number
of LEs
HARDCOPY_FPGA_PROTOTYPE
Devices
HardCopy Stratix Devices
Stratix Devices
Device
M-RAM Blocks
Device
M-RAM Blocks
Device
M-RAM Blocks
25,660
EP1S25
2
HC1S25
2
EP1S25
2
32,470
EP1S30
2
HC1S30
2
EP1S30
4
41,250
EP1S40
2
HC1S40
2
EP1S40
4
57,120
EP1S60
6
HC1S60
6
EP1S60
6
79,040
EP1S830
6
HC1S830
6
EP1S830
9
Table 2–9. Document Revision History (Part 1 of 2)
Date and Document
Version
Changes Made
Summary of Changes
September 2008
v3.4
Revised chapter number and metadata.
—
June 2007 v3.3
● Updated Table 2–1.
● Added note to the “Embedded Memory” section.
● Updated the “Hot Socketing” section.
—



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com