Electronic Components Datasheet Search
  English  ▼

X  

HC1S25 Datasheet(PDF) 32 Page - Altera Corporation

Part # HC1S25
Description  HardCopy Stratix Device Family
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

HC1S25 Datasheet(HTML) 32 Page - Altera Corporation

Back Button HC1S25 Datasheet HTML 28Page - Altera Corporation HC1S25 Datasheet HTML 29Page - Altera Corporation HC1S25 Datasheet HTML 30Page - Altera Corporation HC1S25 Datasheet HTML 31Page - Altera Corporation HC1S25 Datasheet HTML 32Page - Altera Corporation HC1S25 Datasheet HTML 33Page - Altera Corporation HC1S25 Datasheet HTML 34Page - Altera Corporation HC1S25 Datasheet HTML 35Page - Altera Corporation HC1S25 Datasheet HTML 36Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 110 page
background image
4–8
Altera Corporation
September 2008
Recommended Operating Conditions
Table 4–15. GTL+ I/O Specifications
Symbol
Parameter
Conditions
Minimum
Typical
Maximum
Unit
VTT
Termination voltage
1.35
1.5
1.65
V
VREF
Reference voltage
0.88
1.0
1.12
V
VIH
High-level input voltage
VREF + 0.1
V
V
IL
Low-level input voltage
V
REF – 0.1
V
VOL
Low-level output voltage
IOL = 34 mA (1)
0.65
V
Table 4–16. GTL I/O Specifications
Symbol
Parameter
Conditions
Minimum
Typical
Maximum
Unit
VTT
Termination voltage
1.14
1.2
1.26
V
VREF
Reference voltage
0.74
0.8
0.86
V
VIH
High-level input voltage
VREF + 0.05
V
V
IL
Low-level input voltage
V
REF – 0.05
V
VOL
Low-level output voltage
IOL = 40 mA (1)
0.4
V
Table 4–17. SSTL-18 Class I Specifications
Symbol
Parameter
Conditions
Minimum
Typical
Maximum
Unit
V
CCIO
Output supply voltage
1.65
1.8
1.95
V
VREF
Reference voltage
0.8
0.9
1.0
V
VTT
Termination voltage
VREF – 0.04
VREF
VREF + 0.04
V
VIH(DC)
High-level DC input
voltage
VREF + 0.125
V
VIL(DC)
Low-level DC input
voltage
VREF – 0.125
V
VIH(AC)
High-level AC input
voltage
VREF + 0.275
V
VIL(AC)
Low-level AC input
voltage
VREF – 0.275
V
VOH
High-level output voltage IOH = –6.7 mA (1)
VTT + 0.475
V
VOL
Low-level output voltage
IOL = 6.7 mA (1)
VTT – 0.475
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com