Electronic Components Datasheet Search
  English  ▼

X  

HC372 Datasheet(PDF) 11 Page - Altera Corporation

Part # HC372
Description  HardCopy III Device
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

HC372 Datasheet(HTML) 11 Page - Altera Corporation

Back Button HC372 Datasheet HTML 7Page - Altera Corporation HC372 Datasheet HTML 8Page - Altera Corporation HC372 Datasheet HTML 9Page - Altera Corporation HC372 Datasheet HTML 10Page - Altera Corporation HC372 Datasheet HTML 11Page - Altera Corporation HC372 Datasheet HTML 12Page - Altera Corporation HC372 Datasheet HTML 13Page - Altera Corporation HC372 Datasheet HTML 14Page - Altera Corporation HC372 Datasheet HTML 15Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 26 page
background image
Chapter 1: DC and Switching Characteristics of HardCopy III Devices
1–9
Electrical Characteristics
© December 2008
Altera Corporation
HardCopy III Device Handbook, Volume 3
Refer to Figure 1–6 in the row “Single-Ended Voltage Referenced I/O Standard” in
Table 1–33 for an example of a voltage referenced receiver input waveform and
explanation of terms used in Table 1–13.
Table 1–13. Single-Ended SSTL and HSTL I/O Reference Voltage Specifications – Preliminary
I/O Standard
V
CC IO (V)
V
REF (V)
V
TT (V)
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
SSTL-2 CLASS I, II
2.375
2.5
2.625
0.49 ×
V
CC IO
0.5 ×
V
CCIO
0.51 ×
V
CC IO
V
REF –
0.04
V
REF
V
REF +
0.04
SSTL-18 CLASS I, II
1.71
1.8
1.89
0.833
0.9
0.969
V
REF –
0.04
V
REF
V
REF +
0.04
SSTL-15 CLASS I, II
1.425
1.5
1.575
0.47 ×
V
CC IO
0.5 ×
V
CCIO
0.53 ×
V
CC IO
0.47 ×
V
CCIO
V
REF
0.53 ×
V
CC IO
HSTL-18 CLASS I, II
1.71
1.8
1.89
0.85
0.9
0.95
—
V
CCIO/2
—
HSTL-15 CLASS I, II
1.425
1.5
1.575
0.68
0.75
0.9
—
V
CCIO/2
—
HSTL-12 CLASS I, II
1.14
1.2
1.26
0.47 ×
V
CC IO
0.5 ×
V
CCIO
0.53 ×
V
CC IO
—V
CCIO/2
—
Table 1–14. Single-Ended SSTL and HSTL I/O Standards Signal Specifications – Preliminary (Part 1 of 2)
I/O Standard
V
IL (D C) (V)
V
IH (D C) (V)
V
IL(A C) (V)
V
IH(AC ) (V)
V
OL (V)
V
OH (V)
I
OL (mA)
I
OH (mA)
Min
Max
Min
Max
Max
Min
Max
Min
SSTL-2 CLASS I
–0.3
V
REF –
0.15
V
REF +
0.15
V
CC IO +
0.3
V
REF –
0.31
V
REF +
0.31
VTT –
0.57
VTT +
0.57
8.1
–8.1
SSTL-2 CLASS II
–0.3
V
REF –
0.15
V
REF +
0.15
V
CC IO +
0.3
V
REF –
0.31
V
REF +
0.31
VTT –
0.76
VTT +
0.76
16.2
–16.2
SSTL-18 CLASS I
–0.3
V
REF –
0.125
V
REF +
0.125
V
CC IO +
0.3
V
REF –
0.25
V
REF +
0.25
VTT –
0.475
VTT +
0.475
6.7
–6.7
SSTL-18 CLASS II
–0.3
V
REF –
0.125
V
REF +
0.125
V
CC IO +
0.3
V
REF –
0.25
V
REF +
0.25
0.28
V
CCIO –
0.28
13.4
–13.4
SSTL-15 CLASS I
–0.3
V
REF –
0.1
V
REF +
0.1
V
CC IO +
0.3
V
REF –
0.175
V
REF +
0.175
0.2 ×
V
CCIO
0.8 ×
V
CCIO
8–8
SSTL-15 CLASS II
–0.3
V
REF –
0.1
V
REF +
0.1
V
CC IO +
0.3
V
REF –
0.175
V
REF +
0.175
0.2 ×
V
CCIO
0.8 ×
V
CCIO
16
–16
HSTL-18 CLASS I
–0.3
V
REF –
0.1
V
REF +
0.1
V
CC IO +
0.3
V
REF –
0.2
V
REF +
0.2
0.4
V
CCIO –
0.4
8–8
HSTL-18 CLASS II
–0.3
V
REF –
0.1
V
REF +
0.1
V
CC IO +
0.3
V
REF –
0.2
V
REF +
0.2
0.4
V
CCIO –
0.4
16
–16
HSTL-15 CLASS I
–0.3
V
REF –
0.1
V
REF +
0.1
V
CC IO +
0.3
V
REF –
0.2
V
REF +
0.2
0.4
V
CCIO –
0.4
8–8
HSTL-15 CLASS II
–0.3
V
REF –
0.1
V
REF +
0.1
V
CC IO +
0.3
V
REF –
0.2
V
REF +
0.2
0.4
V
CCIO –
0.4
16
–16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com