Electronic Components Datasheet Search
  English  ▼

X  

HC372 Datasheet(PDF) 23 Page - Altera Corporation

Part # HC372
Description  HardCopy III Device
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

HC372 Datasheet(HTML) 23 Page - Altera Corporation

Back Button HC372 Datasheet HTML 18Page - Altera Corporation HC372 Datasheet HTML 19Page - Altera Corporation HC372 Datasheet HTML 20Page - Altera Corporation HC372 Datasheet HTML 21Page - Altera Corporation HC372 Datasheet HTML 22Page - Altera Corporation HC372 Datasheet HTML 23Page - Altera Corporation HC372 Datasheet HTML 24Page - Altera Corporation HC372 Datasheet HTML 25Page - Altera Corporation HC372 Datasheet HTML 26Page - Altera Corporation  
Zoom Inzoom in Zoom Outzoom out
 23 / 26 page
background image
Chapter 1: DC and Switching Characteristics of HardCopy III Devices
1–21
I/O Timing Model
© December 2008
Altera Corporation
HardCopy III Device Handbook, Volume 3
Duty Cycle Distortion (DCD) Specifications
Table 1–32 lists the worst case DCD for HardCopy III devices. Detailed information on
duty cycle distortion are published after characterization.
I/O Timing Model
The I/O timing specifications for HardCopy III devices will be available in a future
revision of the DC and Switching Characteristics chapter in volume 3 of the HardCopy III
Device Handbook.
Glossary
Table 1–33 shows the glossary for this chapter.
Table 1–32. Duty Cycle Distortion on HardCopy III I/O Pins – Preliminary (Note 1), (2)
Symbol
Min
Max
Unit
Output Duty Cycle
45
55
%
Notes to Table 1–32:
(1) Preliminary DCD specification applies to clock outputs from PLLs, global clock tree, IOE driving dedicated, and
general purpose I/O pins.
(2) Detailed DCD specifications pending silicon characterization.
Table 1–33. Glossary Table
Letter
Subject
Definitions
A
——
B
——
C
——
D
Differential I/O
Standards
Figure 1–2. Receiver Input Waveforms
Transmitter Output Waveforms
E
——
F
f
HSCLK
HIGH-SPEED I/O Block: High-speed receiver/transmitter input and output clock frequency.
f
HSDR
HIGH-SPEED I/O Block: Maximum/minimum LVDS data transfer rate (f
HSDR = 1/TUI),
non-DPA.
f
HSDRDPA
HIGH-SPEED I/O Block: Maximum/minimum LVDS data transfer rate (f
HSDRDPA = 1/TUI), DPA.
G
——
H
——
Single-Ended Waveform
Differential Waveform
Positive Channel (p) = VIH
Negative Channel (n) = VIL
Ground
VID
VID
VID
p
− n = 0 V
VCM
Single-Ended Waveform
Differential Waveform
Positive Channel (p) = VOH
Negative Channel (n) = VOL
Ground
VOD
VOD
VOD
p
− n = 0 V
VCM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com