Electronic Components Datasheet Search
  English  ▼

X  

SW2002-EX Datasheet(PDF) 1 Page - MORNSUN Science& Technology Ltd.

Part # SW2002-EX
Description  SW20XX-EX Isolating Switching Barrier
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MORNSUN [MORNSUN Science& Technology Ltd.]
Direct Link  http://www.mornsun-power.com
Logo MORNSUN - MORNSUN Science& Technology Ltd.

SW2002-EX Datasheet(HTML) 1 Page - MORNSUN Science& Technology Ltd.

  SW2002-EX Datasheet HTML 1Page - MORNSUN Science& Technology Ltd. SW2002-EX Datasheet HTML 2Page - MORNSUN Science& Technology Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MORNSUN reserves the copyright
Specifications subject to change without notice.
SW20XX-EX
A/0-2008
Page 1 of 2
SW20XX-EX Isolating Switching Barrier
FEATURES
PRODUCT PROGRAM
Input(Power)
Output(Hazardous end)
Voltage(VDC)
Voltage
Part number
Typ
Range
Typ
Short Cricuit
Current
Output
(Safe end)
Channel
numbers
SW2001-EX
Relay output
1
SW2002-EX
24
18-36
8 VDC
< 8 mA
Relay output
2
ELECTRICAL CHARACTERISTICS
Operation voltage
18-36VDC
Power consumption
About 2.0W (with relay output OFF)
Common
parameter
Power indicating
LED light (green) ON when operating
Input Signal
Switch status of NUMAR sensor,
mechanical joint etc
Output Voltage
8V(Open status)
Short circuit current
<8mA
Input switching frequency
<10Hz
Hazardous
Area
threshold
Typ:1.55mA (hysteresis:0.2mA)
Output signal
Relay output(1
” ON” joint)
Response time
<20ms
driving capability
250VAC / 3A or 30VDC / 3A
Safe Area
Load type
Resistive load
TRANSMISSION CHARACTERISTICS
Input loop current > 2.1mA, relay output close, channel
indicator light (yellow) ON.
Under phase-angel control
(K1
“OFF”)
Input loop current < 1.2mA, relay output open, channel
indicator light (yellow) OFF.
Input loop current > 2.1mA, relay output close, channel
indicator light (yellow) OFF.
Under inverse control
(K1
”ON”)
Input loop current < 1.2mA, relay output open, channel
indicator light (yellow) ON.
Open detection function
Function when K3 is OFF
When
connected
with
NAMUR
sensor
Input loop current < 0.05mA, open circuit alarm, channel
red indicator light ON.
When connected with common
contact joint switch
To achieve open circuit detection function, a 10K
Ω resistor
must be connected to the switch in parallel.
ISOLATION CHARACTERISTICS
Electrical isolation
Isolation between each part (Signal input end/Signal output end/Power
source end)
Isolation strength
2.5KVDC (test for 1minute, humidity < 70%)
Surge Resist
5KV 1.2/50us (Based on IEC255-4)
● Fitted devices: 1. NAMUR Sensors;
2. Mechanical Joints.
● Phase-angel and inverse control setting;
● Open circuit detection setting
● Respective Isolation(2,500VDC between
Input/Output/Power source);
● Operation Temperature:-20℃-+60℃
● Reliable Performance (MTBF>1,000,000 Hours).
APPLICATIONS
This Isolation Switching Barrier can detect
switch or approach switch
’s status in locations
where hazardous exists; isolate, transmit and
output it to safe area. Input and output can be set
to inverse control. Approach switch open circuit
detection
function.
Isolation
between
Input/
Output/Power source.
MODEL SELECTION
SW XXXX-EX
Det ect in g signal t ype
Signal o ut put mode ( hazardous a rea)
Signal o utput mode ( s afe area)
Additional funct ion
Channe l number
Explos io n prot ect ion cert if icat ion mark
MORNSUN Guangzhou Science & Technology co., Ltd.
Address: 2/F, Bldg 6, Huangzhou Industrial Park,
Chebei Rd, Tianhe, Guangzhou, China 510660
Tel: 86-20-38601850 39601530 38601679
Fax: 86-20-38601272
http://www.mornsun-power.com
EMC
EN61326


Similar Part No. - SW2002-EX

ManufacturerPart #DatasheetDescription
logo
Xian Semipower Electron...
SW200R10VT SEMIPOWER-SW200R10VT Datasheet
831Kb / 7P
N-channel Enhanced mode TO-252/TO-251/SOP-8 MOSFET
logo
VBsemi Electronics Co.,...
SW200R10VT VBSEMI-SW200R10VT Datasheet
470Kb / 9P
N-Channel 100 V (D-S) MOSFET
More results

Similar Description - SW2002-EX

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
TII13-EX MORNSUN-TII13-EX Datasheet
190Kb / 2P
ANALOG SIGNAL ISOLATING DETECTION BARRIER
logo
List of Unclassifed Man...
DS44049 ETC2-DS44049 Datasheet
712Kb / 1P
SAFETY ISOLATING TRANSFORMER
logo
MORNSUN Science& Techno...
TSX00-EX MORNSUN-TSX00-EX Datasheet
453Kb / 3P
Isolating / Safety Switching Barrier
TSX01-EX MORNSUN-TSX01-EX Datasheet
461Kb / 3P
Isolating / Safety Switching Barrier
logo
List of Unclassifed Man...
IM1-22EX-T ETC2-IM1-22EX-T Datasheet
237Kb / 4P
Isolating switching amplifier
logo
PHOENIX CONTACT
2865405 PHOENIX-2865405 Datasheet
387Kb / 9P
Output isolating amplifier Ex
2865340 PHOENIX-2865340 Datasheet
388Kb / 15P
Power/input isolating amplifier - MACX MCR-EX-SL-RPSSI-I
02/04/2022
2924016 PHOENIX-2924016 Datasheet
389Kb / 15P
Power/input isolating amplifier - MACX MCR-EX-SL-RPSSI-ISP
02/04/2022
logo
Pepperl+Fuchs Inc.
S1SD-1AI-1U.1 PF-S1SD-1AI-1U.1 Datasheet
813Kb / 4P
Isolating Amplifier
2022-01-10
S1SD-1AI-1U.2 PF-S1SD-1AI-1U.2 Datasheet
817Kb / 4P
Isolating Amplifier
2022-01-10
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com