Electronic Components Datasheet Search
  English  ▼

X  

SW2002-EX Datasheet(PDF) 2 Page - MORNSUN Science& Technology Ltd.

Part # SW2002-EX
Description  SW20XX-EX Isolating Switching Barrier
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MORNSUN [MORNSUN Science& Technology Ltd.]
Direct Link  http://www.mornsun-power.com
Logo MORNSUN - MORNSUN Science& Technology Ltd.

SW2002-EX Datasheet(HTML) 2 Page - MORNSUN Science& Technology Ltd.

  SW2002-EX Datasheet HTML 1Page - MORNSUN Science& Technology Ltd. SW2002-EX Datasheet HTML 2Page - MORNSUN Science& Technology Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
MORNSUN reserves the copyright
Specifications subject to change without notice.
SW20XX-EX
A/0-2008
Page 2 of 2
STANDARDS AND CERTIFICATIONS
Explosion protection certification mark
[Exia]IIC
APPLICATION
IN
INTRINSICALLY
SAFE
EXPLOSION PROTECTION SYSTEM
Explosion protection certification parameters
Um=250Vrms、Uo=10.5V、Io=14mA
Po=37mW、Co=1.6uF、Lo=150mH
Certified by: CHINA NATIONAL QUALITY SUPERVISION AND TEST CENTRE FOR
EXPLOSION PROTECTED ELECTRICAL PRODUCTS
No.:CNEx08.0003
OTHER CHARACTERISTICS
Operation temperature:-20-+60℃
Ambient
temperature
Transport and Storage temperature:-40-+85℃
Package
35mm DIN Rail package: T type DIN Rail (DIN50022), 4x 4 terminals
plug and pull connector, thickness 22.5mm, anti-flaming material
UL94-V0
Protection Grade
IP20(IEC60529 / EN60529)
Weight
About 66g
PACKAGING SIAE AND TERMINAL DESCRIPTION
916
.
22.5
Channel 1 Phase angl e and i nverse control setti ng
-
Open ci rcui t al arm control
Open ci rcui t i ndi cat or control
Output i ndi cator li ght
Power source i ndi cator li ght
Safe area
Hazardous area
channel1 output
channel1
channel output
channel1 input
input of power source
input of power source
channel2 output
channel2 input
channel2 output
channel2 input
:
:
1:
(-)
13:
(-)
2:
(+)
14:
(+)
3:
(-)
4:
(+)
5:
(-)
9:
(-)
6:
(+)
10:
(+)
input
:
.
:+ ..
Un i t
mm
To l e r an ce
0 5mm
No te In si ng l e cha nn el mo de l chan ne l 2 i s i n va lid
:
,
.
Channel 2 Phase angl e and i nverse control setti ng
-
APPLICATION CIRCUIT DIAGRAM
1 8 36 V DC
-
34
1
2
14
13
5
6
9
10
In pu t vo l tag e o f po we r sou r ce
Hazardous area
S a fe a rea
DC S
PLC
Chan ne l1
Cha nn el2
N ot e I n s ingle model c hannel
is inv aid
:
,
2
.
In
intrinsic
safety
explosion
protection
systems, isolating barrier belongs to affiliated
device. It is installed at safe area, as a
connection between intrinsic safety devices in
the hazardous area and non-intrinsic safety
devices in the safe area. By limiting the energy
to a certain safe amount, it ensures the safety
of in spot devices and people.
Selection regulations for intrinsic safety
explosion protection system:
1. The explosion protection grade of the
barrier must be equal to or higher than
that of in spot intrinsic safety explosion
protection device.
2. Take inconsideration of hazardous end
output resistance and loop resistance,
make sure the barrier
’s output voltage
meets the minimum operation voltage
requirement of in spot intrinsic safety
device.
3. The
safety
parameters
of
Barrier
’s
intrinsic safety end meets:
Uo
≤ UI, Io ≤ Iin, Po ≤ Pin
Co
≥ Cin, Lo ≥ Lin
4. Select
suitable
Safety
barrier
which
matches the in spot intrinsic safety device
for the power
’s phase, signal type and
transmission mode.
5. Apply
necessary
protections,
avoid
influence the in spot intrinsic safety
device
’s operation from leakage current
that generated by safety barrier.
Operation notes:
1.
Please read the user manual carefully
before using. If any questions please
contact our technical support department.
2.
Please
do
not
use
this
product
in
hazardous area.
3.
The power supply of this product should
be 24VDC power source. It is forbidden
to use 220VAC power supply.
4.
To
avoid
invalid
explosion
protection
function,
or
any
failure,
users
disassemble this product is forbidden.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com