Electronic Components Datasheet Search
  English  ▼

X  

SN74AC04DB Datasheet(PDF) 1 Page - Texas Instruments

Part # SN74AC04DB
Description  HEX INVERTERS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74AC04DB Datasheet(HTML) 1 Page - Texas Instruments

  SN74AC04DB Datasheet HTML 1Page - Texas Instruments SN74AC04DB Datasheet HTML 2Page - Texas Instruments SN74AC04DB Datasheet HTML 3Page - Texas Instruments SN74AC04DB Datasheet HTML 4Page - Texas Instruments SN74AC04DB Datasheet HTML 5Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
SN54AC04, SN74AC04
HEX INVERTERS
SCAS519C – JULY 1995 – REVISED SEPTEMBER 1996
1
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
D EPIC ™ (Enhanced-Performance Implanted
CMOS) 1-
µm Process
D Package Options Include Plastic
Small-Outline (D), Shrink Small-Outline
(DB), and Thin Shrink Small-Outline (PW)
Packages, Ceramic Chip Carriers (FK) and
Flatpacks (W), and Standard Plastic (N) and
Ceramic (J) DIPS
description
The ‘AC04 contain six independent inverters. The
devices perform the Boolean function Y = A.
The SN54AC04 is characterized for operation over
the full military temperature range of – 55
°C to 125°C.
The SN74AC04 is characterized for operation from
–40
°C to 85°C.
FUNCTION TABLE
(each inverter)
INPUT
OUTPUT
A
Y
H
L
L
H
logic symbol†
1
1A
1Y
2
3
2A
2Y
4
5
3A
3Y
6
9
4A
4Y
8
11
5A
5Y
10
13
6A
6Y
12
1
† This symbol is in accordance with ANSI/IEEE Std 91-1984 and
IEC Publication 617-12.
Pin numbers shown are for the D, DB, J, N, PW, and W packages.
logic diagram, each inverter (positive logic)
Y
A
SN54AC04 ...FK PACKAGE
(TOP VIEW)
32
1 20 19
910 11 12 13
4
5
6
7
8
18
17
16
15
14
6Y
NC
5A
NC
5Y
2A
NC
2Y
NC
3A
NC – No internal connection
1
2
3
4
5
6
7
14
13
12
11
10
9
8
1A
1Y
2A
2Y
3A
3Y
GND
VCC
6A
6Y
5A
5Y
4A
4Y
SN54AC04 ...J OR W PACKAGE
SN74AC04 . . . D, DB, N, OR PW PACKAGE
(TOP VIEW)
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Copyright
© 1996, Texas Instruments Incorporated
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
EPIC is a trademark of Texas Instruments Incorporated.


Similar Part No. - SN74AC04DB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AC04DBLE TI1-SN74AC04DBLE Datasheet
1Mb / 20P
HEX INVERTERS
SN74AC04DBR TI1-SN74AC04DBR Datasheet
1Mb / 20P
HEX INVERTERS
SN74AC04DBR TI1-SN74AC04DBR Datasheet
1Mb / 20P
HEX INVERTERS
SN74AC04DBR TI1-SN74AC04DBR Datasheet
3Mb / 36P
SNx4AC04 Hex Inverters
REVISED JULY 2024
SN74AC04DBRE4 TI1-SN74AC04DBRE4 Datasheet
1Mb / 20P
HEX INVERTERS
More results

Similar Description - SN74AC04DB

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD74HCT04A HITACHI-HD74HCT04A Datasheet
40Kb / 8P
Hex Inverters
HD74LV04A HITACHI-HD74LV04A Datasheet
52Kb / 13P
Hex Inverters
HD74LVU04A HITACHI-HD74LVU04A Datasheet
50Kb / 12P
Hex Inverters
logo
Texas Instruments
SN54ACT04 TI-SN54ACT04_09 Datasheet
657Kb / 17P
HEX INVERTERS
SN54ACT04 TI-SN54ACT04_10 Datasheet
656Kb / 17P
HEX INVERTERS
SN54LVU04A_101 TI-SN54LVU04A_101 Datasheet
674Kb / 18P
HEX INVERTERS
SN74AHCT04_101 TI-SN74AHCT04_101 Datasheet
997Kb / 23P
HEX INVERTERS
logo
Diodes Incorporated
74LV04A DIODES-74LV04A Datasheet
299Kb / 9P
HEX INVERTERS
Rev 1
logo
Texas Instruments
SN54LVC04A TI1-SN54LVC04A_15 Datasheet
1Mb / 27P
HEX INVERTERS
SN54LVU04 TI1-SN54LVU04_10 Datasheet
118Kb / 6P
HEX INVERTERS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com