Electronic Components Datasheet Search
  English  ▼

X  

SN74AC04DB Datasheet(PDF) 3 Page - Texas Instruments

Part # SN74AC04DB
Description  HEX INVERTERS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74AC04DB Datasheet(HTML) 3 Page - Texas Instruments

  SN74AC04DB Datasheet HTML 1Page - Texas Instruments SN74AC04DB Datasheet HTML 2Page - Texas Instruments SN74AC04DB Datasheet HTML 3Page - Texas Instruments SN74AC04DB Datasheet HTML 4Page - Texas Instruments SN74AC04DB Datasheet HTML 5Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
SN54AC04, SN74AC04
HEX INVERTERS
SCAS519C – JULY 1995 – REVISED SEPTEMBER 1996
3
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
electrical characteristics over recommended operating free-air temperature range (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
VCC
TA = 25°C
SN54AC04
SN74AC04
UNIT
PARAMETER
TEST CONDITIONS
VCC
MIN
TYP
MAX
MIN
MAX
MIN
MAX
UNIT
3 V
2.9
2.99
2.9
2.9
IOH = – 50 µA
4.5 V
4.4
4.49
4.4
4.4
5.5 V
5.4
5.49
5.4
5.4
VOH
IOH = – 12 mA
3 V
2.56
2.4
2.46
V
VOH
IOH =24 mA
4.5 V
3.86
3.7
3.76
V
IOH = – 24 mA
5.5 V
4.86
4.7
4.76
IOH = – 50 mA†
5.5 V
3.85
IOH = – 75 mA†
5.5 V
3.85
3 V
0.002
0.1
0.1
0.1
IOH = 50 µA
4.5 V
0.001
0.1
0.1
0.1
5.5 V
0.001
0.1
0.1
0.1
VOL
IOL =12 mA
3 V
0.36
0.5
0.44
V
VOL
IOL =24mA
4.5 V
0.36
0.5
0.44
V
IOL = 24 mA
5.5 V
0.36
0.5
0.44
IOL = 50 mA†
5.5 V
1.65
IOL = 75 mA†
5.5 V
1.65
II
VI = VCC or GND
5.5 V
±0.1
±1
±1
µA
ICC
VI = VCC or GND,
IO = 0
5.5 V
2
40
20
µA
Ci
VI = VCC or GND
2.8
pF
† Not more than one output should be tested at a time, and the duration of the test should not exceed 2 ms.
switching
characteristics
over
recommended
operating
free-air
temperature
range,
VCC = 3.3 V ± 0.3 V (unless otherwise noted) (see Figure 1)
PARAMETER
FROM
TO
TA = 25°C
SN54AC04
SN74AC04
UNIT
PARAMETER
(INPUT)
(OUTPUT)
MIN
TYP
MAX
MIN
MAX
MIN
MAX
UNIT
tPLH
A
Y
1.5
4.5
9
1
11
1
10
ns
tPHL
A
Y
1.5
4.5
8.5
1
10
1
9.5
ns
switching
characteristics
over
recommended
operating
free-air
temperature
range,
VCC = 5 V ± 0.5 V (unless otherwise noted) (see Figure 1)
PARAMETER
FROM
TO
TA = 25°C
SN54AC04
SN74AC04
UNIT
PARAMETER
(INPUT)
(OUTPUT)
MIN
TYP
MAX
MIN
MAX
MIN
MAX
UNIT
tPLH
A
Y
1.5
4
7
1
8.5
1
7.5
ns
tPHL
A
Y
1.5
3.5
6.5
1
7.5
1
7
ns
operating characteristics, VCC = 5 V, TA = 25°C
PARAMETER
TEST CONDITIONS
TYP
UNIT
Cpd
Power dissipation capacitance
CL = 50 pF, f = 1 MHz
45
pF



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com