Electronic Components Datasheet Search
  English  ▼

X  

MIC4742 Datasheet(PDF) 2 Page - Micrel Semiconductor

Part # MIC4742
Description  2 MHz Dual 2A Integrated Switch Buck Regulator
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC4742 Datasheet(HTML) 2 Page - Micrel Semiconductor

  MIC4742 Datasheet HTML 1Page - Micrel Semiconductor MIC4742 Datasheet HTML 2Page - Micrel Semiconductor MIC4742 Datasheet HTML 3Page - Micrel Semiconductor MIC4742 Datasheet HTML 4Page - Micrel Semiconductor MIC4742 Datasheet HTML 5Page - Micrel Semiconductor MIC4742 Datasheet HTML 6Page - Micrel Semiconductor MIC4742 Datasheet HTML 7Page - Micrel Semiconductor MIC4742 Datasheet HTML 8Page - Micrel Semiconductor MIC4742 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 23 page
background image
Micrel, Inc.
MIC4742
March 2009
2
M9999-030209-D
Ordering Information
Part Number
Voltage
Junction Temp. Range
Package
Lead Finish
MIC4742YML
Adj.
–40° to +125°C
16-Pin 3mm x 3mm MLF
®
Pb-Free
MIC4742YTSE
Adj.
–40° to +125°C
16-Pin EPAD TSSOP
Pb-Free
Note:
MLF
® is a GREEN RoHS-compliant package. Lead finish is NiPdAu. Mold compound is Halogen Free.
Pin Configuration
16-Pin 3mm x 3mm MLF
® (YML)
16-Pin EPAD-TSSOP (YTSE)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com