Electronic Components Datasheet Search
  English  ▼

X  

MIC4742 Datasheet(PDF) 3 Page - Micrel Semiconductor

Part # MIC4742
Description  2 MHz Dual 2A Integrated Switch Buck Regulator
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC4742 Datasheet(HTML) 3 Page - Micrel Semiconductor

  MIC4742 Datasheet HTML 1Page - Micrel Semiconductor MIC4742 Datasheet HTML 2Page - Micrel Semiconductor MIC4742 Datasheet HTML 3Page - Micrel Semiconductor MIC4742 Datasheet HTML 4Page - Micrel Semiconductor MIC4742 Datasheet HTML 5Page - Micrel Semiconductor MIC4742 Datasheet HTML 6Page - Micrel Semiconductor MIC4742 Datasheet HTML 7Page - Micrel Semiconductor MIC4742 Datasheet HTML 8Page - Micrel Semiconductor MIC4742 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
Micrel, Inc.
MIC4742
March 2009
3
M9999-030209-D
Pin Description
Pin Number
(MLF
®)
Pin Number
(EPAD-TSSOP)
Pin Name
Pin Function
1
7
FB2
Feedback for output 2 (Input). Input to the error amplifier, connect to the
external resistor divider network to set the output voltage.
2
(1)
8
(1)
EN2
Enable for output 2 (Input). Logic level low, will shutdown the device, reducing
the current draw to less than 5µA (both EN1 and EN2 are low).
3,4
9,10
SW2
Switch for output 2 (Output): Internal power P-Channel MOSFET output switch
5
11
PGND2
Power Ground for output 2. Provides the ground return path for the high-side
drive current.
PGND1 pin and PGND2 pin are internally connected by anti-parallel diodes.
6,15
5,12
VIN2
Supply Voltage for output 2 (Input): Supply voltage for the source of the
internal P-channel MOSFET and driver. Requires bypass capacitor to GND.
VIN1 pins and VIN2 pins are internally connected by anti-parallel diodes.
7,14
4,13
VIN1
Supply Voltage for output 1 (Input): Supply voltage for the source of the
internal P-channel MOSFET and driver. Requires bypass capacitor to GND.
VIN1 pins and VIN2 pins are internally connected by anti-parallel diodes.
8
14
PGND1
Power Ground for output 1. Provides the ground return path for the
high-side drive current.
PGND1 pin and PGND2 pin are internally connected by anti-parallel diodes.
9,10
15,16
SW1
Switch for output 1 (Output): Internal power P-Channel MOSFET output switch
11
(1)
1
(1)
EN1
Enable for output 1 (Input). Logic level low, will shutdown the device, reducing
the current draw to less than 5µA (both EN1 and EN2 are low).
12
2
FB1
Feedback for output 1 (Input). Input to the error amplifier, connect to the
external resistor divider network to set the output voltage.
13
3
SGND
Signal (Analog) Ground. Provides return path for control circuitry and internal
reference.
16
6
BIAS
Internal circuit bias supply. Must be bypassed with a 0.1µF ceramic capacitor
to SGND. Biased through a 10
Ω resistor to VIN.
EPAD
EPAD
GND
Connect to ground.
Note:
1. Do not float Enable Input.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com