Electronic Components Datasheet Search
  English  ▼

X  

MICRF302 Datasheet(PDF) 8 Page - Micrel Semiconductor

Part # MICRF302
Description  Parallel Encoder
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MICRF302 Datasheet(HTML) 8 Page - Micrel Semiconductor

Back Button MICRF302 Datasheet HTML 4Page - Micrel Semiconductor MICRF302 Datasheet HTML 5Page - Micrel Semiconductor MICRF302 Datasheet HTML 6Page - Micrel Semiconductor MICRF302 Datasheet HTML 7Page - Micrel Semiconductor MICRF302 Datasheet HTML 8Page - Micrel Semiconductor MICRF302 Datasheet HTML 9Page - Micrel Semiconductor MICRF302 Datasheet HTML 10Page - Micrel Semiconductor MICRF302 Datasheet HTML 11Page - Micrel Semiconductor MICRF302 Datasheet HTML 12Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
Micrel, Inc.
MICRF302
October 2008
8
M9999-100908-A
MICRF302 Parallel Encoder Features
Transmit Timeout
The MICRF302 implements a 25-second (nominal)
transmit timeout timer. If a user pushes an MICRF302
button and holds it down, transmission of packets (in
repeated groups of four) will continue for no more than
25 seconds. Afterwards, the MICRF302 shuts down and
waits to be restarted by another button push. The button
must be released before it can be pushed again to
restart packet transmission.
The purpose of the transmit timeout is to prevent battery
drain and unnecessary transmission where a user might,
for example, sit on a remote control.
Preamble/Dead-Time/Sync Format
The MICRF302 sends a lengthy amount of information at
the start of the packet to help the decoder synchronize to
the incoming data stream. The format is as followed:
1.
32 zeros
2.
Three-bit dead time of no Manchester-coded
data. This allows the MICRF302 to be used with
receivers
whose
AGC
benefits
from
the
presence of a dead time.
3.
Four ones (1111) mark the end of the preamble,
dead time, and sync. The bit following the last
one of the four is the first data bit of the 20-bit
DEVADR field.
Inter-Packet Delay
The delay (dead time, no Manchester-coded data)
between subsequent packets is always eight bit-times.
Important: Encoder Bit-Time Variation
The frequency of the MICRF302’s on-chip oscillator
varies by ±10% over supply voltage, temperature, and
manufacturing tolerances. It is important to remember
that this means that the MICRF302 Encoder’s bit time
does not vary by ±10%; it varies as follows. Consider an
MICRF302 Encoder set to transmit at a nominal rate of
1 kHz, with a nominal bit-time of 1 ms. The transmit
frequency will then fall in the range of 900 Hz to 1.1 kHz.
The corresponding bit-times are 1.111 ms to 0.909 ms.
This actually corresponds to a variation in bit-time of –
9.1%
to
+11.1%.
It
is
critical
that
the
decoder
accommodate incoming data streams whose bit-times
fall within this range, not ±10%.
TX Enable
The MICRF302 TXEN is normally low and goes active-
high ~ 40 ms before data is seen at the output (Figure 7,
8) and remains high until D0-D3 is deactivated or the
internal MICRF302 time out has elapsed (Figure 9).
TX Enable, SEL0=SEL1=VSS
Figure 7. TX Enable Output and Data Output
Figure 8. TX Enable Output and Data Output Zoom In



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com