Electronic Components Datasheet Search
  English  ▼

X  

MICRF302 Datasheet(PDF) 14 Page - Micrel Semiconductor

Part # MICRF302
Description  Parallel Encoder
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MICRF302 Datasheet(HTML) 14 Page - Micrel Semiconductor

Back Button MICRF302 Datasheet HTML 7Page - Micrel Semiconductor MICRF302 Datasheet HTML 8Page - Micrel Semiconductor MICRF302 Datasheet HTML 9Page - Micrel Semiconductor MICRF302 Datasheet HTML 10Page - Micrel Semiconductor MICRF302 Datasheet HTML 11Page - Micrel Semiconductor MICRF302 Datasheet HTML 12Page - Micrel Semiconductor MICRF302 Datasheet HTML 13Page - Micrel Semiconductor MICRF302 Datasheet HTML 14Page - Micrel Semiconductor MICRF302 Datasheet HTML 15Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 14 / 15 page
background image
Micrel, Inc.
MICRF302
October 2008
14
M9999-100908-A
Bill of Materials
TX112-MICRF302 KEYFOB Evaluation Board Bill of Materials
Item
Quantity
Reference
Part
PCB Footprint
1
1
ANTENNA
ANTENNA
ANTENNA_LOOP2
2
1
BT1
3 volts, BATTERYHOLDER 23MM/COINCELL/THM
3
1
C1
4.7uF 6.3V
0805
4
1
C2
100pF 50V
0603
5
1
C4
1pF
0603
6
1
C5
22pF 50V
0603
7
3
C6
Not Placed
0603
C11
Not Placed
0603
C16
Not Placed
0603
8
1
C7
3.9pF
0603
9
2
C13
10pF
0603
C14
10pF
0603
10
1
C17
0.1µF 50V
0603
11
2
JPR1
0 OHMS
0402
JPR3
0 OHMS
0402
12
1
JPR2
0 OHMS NP
0402
13
1
L1
680nH
0805
14
1
L3
33nH
0603
15
1
L4
0 OHMS
0603
16
1
R1
(NC)
0402
17
1
R2
100K
0402
18
1
R4
100K
0402
19
1
R7
0 OHMS/ TBD
0603
20
4
S1
SW PUSHBUTTON
SW/PB/KEYBOARD
S2
SW PUSHBUTTON
SW/PB/KEYBOARD
S3
SW PUSHBUTTON
SW/PB/KEYBOARD
S4
SW PUSHBUTTON
SW/PB/KEYBOARD
21
1
U1
MICRF112YMM
10P-MSOP
22
1
U2
MICRF302
10P-MLF
23
1
Y1
13.560MHz
See MICRF112 Data
Sheet
Note:
1. Resistor, +/-5%, Vishay or equivalent.
2. Capacitor, ceramic, +/-5% Vishay, Murata or equivalent.
3. Inductors, 0603, 0805 Coilcraft CS series, wire wound, 5% or equivalent.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com