Electronic Components Datasheet Search
  English  ▼

X  

BLF574 Datasheet(PDF) 15 Page - NXP Semiconductors

Part # BLF574
Description  HF / VHF power LDMOS transistor
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BLF574 Datasheet(HTML) 15 Page - NXP Semiconductors

Back Button BLF574 Datasheet HTML 10Page - NXP Semiconductors BLF574 Datasheet HTML 11Page - NXP Semiconductors BLF574 Datasheet HTML 12Page - NXP Semiconductors BLF574 Datasheet HTML 13Page - NXP Semiconductors BLF574 Datasheet HTML 14Page - NXP Semiconductors BLF574 Datasheet HTML 15Page - NXP Semiconductors BLF574 Datasheet HTML 16Page - NXP Semiconductors BLF574 Datasheet HTML 17Page - NXP Semiconductors BLF574 Datasheet HTML 18Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 15 / 18 page
background image
BLF574_2
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 02 — 24 February 2009
15 of 18
NXP Semiconductors
BLF574
HF / VHF power LDMOS transistor
9.
Package outline
Fig 17. Package outline SOT539A
REFERENCES
OUTLINE
VERSION
EUROPEAN
PROJECTION
ISSUE DATE
IEC
JEDEC
EIAJ
SOT539A
00-03-03
99-12-28
0
5
10 mm
scale
Flanged balanced LDMOST ceramic package; 2 mounting holes; 4 leads
SOT539A
p
A
F
b
e
D
U2
L
H
Q
c
5
12
4
3
D1
E
A
w1
AB
M
M
M
q
U1
H1
C
B
M
M
w2
C
E1
M
w3
UNIT
A
mm
D
b
11.81
11.56
0.15
0.08
31.55
30.94
13.72
9.53
9.27
17.12
16.10
10.29
10.03
5.33
3.96
c
e
U2
0.25
0.25
0.51
w3
35.56
qw2
w1
F
1.75
1.50
U1
41.28
41.02
H1
25.53
25.27
p
3.30
3.05
Q
2.31
2.01
EE1
9.50
9.30
inches
0.465
0.455
0.006
0.003
1.242
1.218
D1
31.52
30.96
1.241
1.219
0.540
0.375
0.365
0.674
0.634
0.405
0.395
0.210
0.156
0.010
0.010 0.020
1.400
0.069
0.059
1.625
1.615
1.005
0.995
0.130
0.120
0.091
0.079
0.374
0.366
H
3.73
2.72
0.147
0.107
L
DIMENSIONS (millimetre dimensions are derived from the original inch dimensions)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com