Electronic Components Datasheet Search
  English  ▼

X  

TDA8025 Datasheet(PDF) 13 Page - NXP Semiconductors

Part # TDA8025
Description  IC card interface
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8025 Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button TDA8025 Datasheet HTML 9Page - NXP Semiconductors TDA8025 Datasheet HTML 10Page - NXP Semiconductors TDA8025 Datasheet HTML 11Page - NXP Semiconductors TDA8025 Datasheet HTML 12Page - NXP Semiconductors TDA8025 Datasheet HTML 13Page - NXP Semiconductors TDA8025 Datasheet HTML 14Page - NXP Semiconductors TDA8025 Datasheet HTML 15Page - NXP Semiconductors TDA8025 Datasheet HTML 16Page - NXP Semiconductors TDA8025 Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 38 page
background image
TDA8025_1
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 01 — 6 April 2009
13 of 38
NXP Semiconductors
TDA8025
IC card interface
8.4 Input and output circuits
When pins I/O and I/OUC are driven HIGH using an 11 k
Ω resistor between pins I/O and
VCC and/or between pins I/OUC and VDD(INTF), both lines enter the idle state. Pin I/O is
referenced to VCC and pin I/OUC to VDD(INTF), thus allowing operation at VCC ≠ VDD(INTF).
The first side on which a falling edge occurs becomes the master. An anti-latch circuit
disables falling edge detection on the other line, making it the slave. After a time delay
td(edge), the NMOS transistor on the slave-side is turned on. It then sends logic 0 to the
master-side. When the master returns logic 1, the PMOS transistor on the slave side is
turned on during the time delay (tpu). After this sequence, both the master and slave return
to their idle states.
The active pull-up feature ensures fast LOW-to-HIGH transitions making the TDA8025
capable of delivering more than 1 mA, up to an output voltage of 0.9 VCC, at a load of
80 pF. At the end of the active pull-up pulse, the output voltage is dependent on the
internal pull-up resistor value and load current. The current sent to and received from the
card’s I/O lines is internally limited to 15 mA at a maximum frequency of 1 MHz.
8.5 Inactive mode
After a power-on reset, the circuit enters the inactive mode, ensuring only the minimum
number of circuits are active while the TDA8025 waits for the microcontroller to start a
session. The inactive mode conditions are as follows:
• all card contacts are inactive. The impedance between the contacts and GND is
approximately 200
Ω.
• pins I/OUC, AUX1UC and AUX2UC are high-impedance using the 11 k
Ω pull-up
resistor connected to VDD(INTF)
• the voltage generators and crystal oscillator are stopped
• the voltage supervisor is active
• the internal oscillator runs in low frequency mode
Fig 7.
Output voltage and current on pins I/O, AUX1 and AUX2 as a function of time
during LOW-to-HIGH transitions
t (ns)
0
100
80
40
60
20
001aai964
4
2
6
8
IOH I/O
(A)
0
2
1
3
4
V I/O
(V)
0
IOH I/O
V I/O



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com