Electronic Components Datasheet Search
  English  ▼

X  

TDA8025 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # TDA8025
Description  IC card interface
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8025 Datasheet(HTML) 3 Page - NXP Semiconductors

  TDA8025 Datasheet HTML 1Page - NXP Semiconductors TDA8025 Datasheet HTML 2Page - NXP Semiconductors TDA8025 Datasheet HTML 3Page - NXP Semiconductors TDA8025 Datasheet HTML 4Page - NXP Semiconductors TDA8025 Datasheet HTML 5Page - NXP Semiconductors TDA8025 Datasheet HTML 6Page - NXP Semiconductors TDA8025 Datasheet HTML 7Page - NXP Semiconductors TDA8025 Datasheet HTML 8Page - NXP Semiconductors TDA8025 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 38 page
background image
TDA8025_1
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 01 — 6 April 2009
3 of 38
NXP Semiconductors
TDA8025
IC card interface
[1]
To enable the microcontroller to provide the required maximum voltage input level on XTAL1, VDD(INTF) must not exceed
VDD(INTREGD) + 0.3 V. See Section 8.1 on page 7 for specific limitations on the maximum VDD(INTF) voltage and Table 8 on page 23 for
the limits of XTAL1.
[2]
See Figure 12 on page 18.
5.
Ordering information
ICC
supply current
0 V to 3 V
-
-
65
mA
0 V to 1.8 V
-
-
65
mA
0 V to 1.2 V
-
-
30
mA
SR
slew rate
up or down
0.02
0.14
0.26
V/
µs
General
tdeact
deactivation time
total sequence
[2] 35
80
100
µs
Ptot
total power
dissipation
Tamb = −25 °C to +85 °C
-
-
0.56
W
Tamb
ambient temperature
−25
-
+85
°C
Table 1.
Quick reference data …continued
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Table 2.
Ordering information
Type number
Package
Name
Description
Version
TDA8025HN
HVQFN32
plastic thermal enhanced very thin quad flat package; no leads;
32 terminals; body 5
× 5 × 0.85 mm
SOT617-1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com