Electronic Components Datasheet Search
  English  ▼

X  

MIC2007YML Datasheet(PDF) 20 Page - Micrel Semiconductor

Part # MIC2007YML
Description  Fixed and Adjustable Current Limiting Power Distribution Switches
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2007YML Datasheet(HTML) 20 Page - Micrel Semiconductor

Back Button MIC2007YML Datasheet HTML 16Page - Micrel Semiconductor MIC2007YML Datasheet HTML 17Page - Micrel Semiconductor MIC2007YML Datasheet HTML 18Page - Micrel Semiconductor MIC2007YML Datasheet HTML 19Page - Micrel Semiconductor MIC2007YML Datasheet HTML 20Page - Micrel Semiconductor MIC2007YML Datasheet HTML 21Page - Micrel Semiconductor MIC2007YML Datasheet HTML 22Page - Micrel Semiconductor MIC2007YML Datasheet HTML 23Page - Micrel Semiconductor MIC2007YML Datasheet HTML 24Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 25 page
background image
Micrel, Inc.
MIC20XX Family
January 2009
20
M9999-012109-A
Figure 5. IOUT in Current Limiting for VIN
- VOUT > 1V
This folding back of ILIMIT can be generalized by plotting
ILIMIT as a function of VOUT, as shown below in Figures 6
and 7. The slope of VOUT between IOUT = 0V and IOUT =
ILIMIT (where ILIMIT = 1A) is determined by RON of the
switch and ILIMIT.
0
0.2
0.4
0.6
0.8
1.0
1.2
01
23
4
5
6
OUTPUT VOLTAGE (V)
Normalized Output Current
vs. Output Voltage (5V)
Figure 6.
0
0.2
0.4
0.6
0.8
1.0
1.2
0
0.5 1.0
1.5
2.0
2.5 3.0
OUTPUT VOLTAGE (V)
Normalized Output Current
vs. Output Voltage (2.5V)
Figure 7.
CSLEW
2003
2004
2005
2006
2007
2008
2009
2013
2014
2015
2016
2017
2018
2019
Only parts in white boxes have CSLEW pin.
(Not available in 5-pin SOT-23 packages).
The CSLEW pin is provided to increase control of the
output voltage ramp at turn-on. This input allows
designers the option of decreasing the output’s slew rate
(slowing the voltage rise) by adding an external
capacitance between the CSLEW and VIN pins. This
capacitance slows the rate at which the pass FET gate
voltage increases and thus, slows both the response to
an Enable command as well as VOUT’s ascent to its final
value.
Figure 8 illustrates effect of CSLEW on turn-on delay and
output rise time.
0
0.002
0.004
0.006
0.008
0.01
0.012
0.014
00 00 00 00 00
CSLEW (nF)
Typical Turn-on Times
vs. External C
SLEW
Capacitance
2
4
6
8
10
12
14
0
0 0.5 1 1.5 2 2.5 3 3.5 4 4.5
T
RISE
T
DELAY
T
ON
Figure 8.
CSLEW’s effect on ILIMIT
An
unavoidable
consequence
of
adding
CSLEW
capacitance is a reduction in the MIC20X5 – 20X8’s
ability to quickly limit current transients or surges. A
sufficiently large capacitance can prevent both the
primary and secondary current limits from acting in time
to prevent damage to the MIC20X5 – 20X8 or the
system from a short circuit fault. For this reason, the
upper limit on the value of CSLEW is 4nF.
Variable Under Voltage Lock Out (VUVLO)
2003
2004
2005
2006
2007
2008
2009
2013
2014
2015
2016
2017
2018
2019
Only parts in white boxes have VUVLO pin and functionality.
Power conscious systems, such as those implementing
ACPI, will remain active even in their low power states
and may require the support of external devices through
both phases of operation. Under these conditions, the
current allowed these external devices may vary
according to the system’s operating state and as such



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com