Electronic Components Datasheet Search
  English  ▼

X  

SN74ACT8997NT Datasheet(PDF) 14 Page - Texas Instruments

Part # SN74ACT8997NT
Description  SCAN-PATH LINKERS WITH 4-BIT IDENTIFICATION BUSES SCAN-CONTROLLED IEEE STD 1149.1 JTAG TAP CONCATENATORS
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74ACT8997NT Datasheet(HTML) 14 Page - Texas Instruments

Back Button SN74ACT8997NT Datasheet HTML 10Page - Texas Instruments SN74ACT8997NT Datasheet HTML 11Page - Texas Instruments SN74ACT8997NT Datasheet HTML 12Page - Texas Instruments SN74ACT8997NT Datasheet HTML 13Page - Texas Instruments SN74ACT8997NT Datasheet HTML 14Page - Texas Instruments SN74ACT8997NT Datasheet HTML 15Page - Texas Instruments SN74ACT8997NT Datasheet HTML 16Page - Texas Instruments SN74ACT8997NT Datasheet HTML 17Page - Texas Instruments SN74ACT8997NT Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 28 page
background image
SN54ACT8997, SN74ACT8997
SCAN-PATH LINKERS WITH 4-BIT IDENTIFICATION BUSES
SCAN-CONTROLLED IEEE STD 1149.1 (JTAG) TAP CONCATENATORS
SCAS157D – APRIL 1990 – REVISED DECEMBER 1996
14
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
boundary-scan register/ID-bus register description
The boundary-scan register (BSR) is a 10-bit serial register that can be used to capture data appearing at
selected device inputs, force data through device outputs, and apply data to the device’s internal logic. The BSR
is made up of boundary-scan cells (BSCs). Table 8 lists the device signal for each of the 10 BSCs that comprise
the BSR. A reset operation does not affect the contents of the BSR.
Table 8. Boundary-Scan Register Bit Mapping
BIT
TERMINAL
NAME
SIGNAL DESCRIPTION
9
MCI
Master condition in
8
MCO
Master condition out
7
DCI
Device condition in
6
DCOTS†
Enable control for DCO in 3-state configuration (active low)
5
DCOOD†
Enable control for DCO in open-drain configuration (active low)
4
DCO
Device condition out
3
ID4
Identification bus bit 4
2
ID3
Identification bus bit 3
1
ID2
Identification bus bit 2
0
ID1
Identification bus bit 1
† This internal signal cannot be observed from the I/O terminals of the device.
The four BSCs connected to the ID(1– 4) terminals form a subset of the BSR called the ID-bus register (IDBR).
The IDBR can be scanned without accessing the remaining BSCs of the BSR. Figure 5 shows the order of scan
for the BSR and IDBR.
Bit 9
(MSB)
TDI or DTDI
Bit 8
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
(LSB)
TDO
TDI or DTDI
IDBR
BSR
Figure 5. Boundary-Scan Register Bits and Order of Scan
bypass register description
The bypass register (BR) is a 1-bit serial register. The BR provides a means of effectively removing the
’ACT8997 from the primary scan path when it is not needed for the current test operation. Any selected
secondary scan paths remain active in the primary scan path as described in the data flow description. At power
up, the BR is placed in the scan path. During Capture-DR, the BR is preloaded with a low logic level. Figure 6
shows the order of scan for the bypass register.
TDO
TDI or DTDI
Bit 0
Figure 6. Bypass-Register Bit and Order of Scan



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com