Electronic Components Datasheet Search
  English  ▼

X  

HDAS-8 Datasheet(PDF) 2 Page - Murata Manufacturing Co., Ltd.

Part # HDAS-8
Description  12-Bit, 50kHz, Complete Data Acquisition Systems
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

HDAS-8 Datasheet(HTML) 2 Page - Murata Manufacturing Co., Ltd.

  HDAS-8 Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. HDAS-8 Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. HDAS-8 Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. HDAS-8 Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. HDAS-8 Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. HDAS-8 Datasheet HTML 6Page - Murata Manufacturing Co., Ltd. HDAS-8 Datasheet HTML 7Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
MDC_HDAS-16/8.B01 Page 2 of 7
Technical enquiries email: sales@murata-ps.com, tel: +1 508 339 3000
www.murata-ps.com
HDAS-16, HDAS-8
PERFORMANCE (cont.)
MIN.
TYP.
MAX.
UNITS
Unipolar Zero Error
+25°C
—
—
±0.1
%FSR
–55 to +125°C
—
—
±0.3
%FSR
Bipolar Zero Error
+25°C
—
—
±0.1
%FSR
–55 to +125°C
—
—
±0.3
%FSR
Bipolar Offset Error
+25°C
—
—
±0.1
%FSR
–55 to +125°C
—
—
±0.3
%FSR
Gain Error
+25°C
—
—
±0.2
%
–55 to +125°C
—
—
±0.3
%
DYNAMIC CHARACTERISTICS
Acquisition Time, Gain = 1
+25°C
—
9
10
μs
–55 to +125°C
—
—
15
μs
ApertureDelayTime
——
500
ns
Aperture Uncertainty
——
1
ns
S/H Droop Rate
—
—
±1
μV/μs
Feedthrough
—
—
±0.01
%
A/D Conversion Time
+25°C
—
6
8
μs
–55 to +125°C
—
—
10
μs
ThroughputRate
+25°C
50
66
—
kHz
–55 to +125°C
33
—
—
kHz
DIGITAL INPUTS
Logic Levels
(Pins 8, 13–16, 19–21, 26, 31)
Logic 1
+2.0
—
+5.5
Volts
Logic 0
0
—
+0.8
Volts
(Pin 5)
Logic 1
+4.0
—
+5.5
Volts
Logic 0
0
—
+0.8
Volts
Logic Loading
(Pins 5, 8, 13–16, 19–21,
26, 31)
Logic 1
—
—
±10
μA
Logic 0
—
—
±10
μA
Multiplexer Address Set-upTime
20
——ns
ENABLE to Data Valid Delay
—
2030ns
STROBE
40
——ns
OUTPUTS
Logic Levels (OutputData)
Logic 1
+2.4
—
—
Volts
Logic 1 (pin 7)
+2.5
—
—
Volts
Logic 0
—
—
+0.4
Volts
(Pins 9, 10, 11, and 12)
Logic 1
+2.5
—
—
Volts
Logic 0
—
—
+0.4
Volts
Logic Loading
Logic 1
—
—
–400
μA
Logic 0
—
—
+4
mA
Internal Reference:
Voltage, +25°C
+9.99
+10.00
+10.01
Volts
Drift
—
—
±20
ppm/°C
External Current
—
—
1
mA
Output Data Coding
Straight binary (unipolar) or offset binary (bipolar)
ABSOLUTE MAXIMUM RATINGS
PARAMETERS
MIN.
TYP.
MAX.
UNITS
+15V Supply (pin 43)
–0.5
—
+18
Volts
–15V Supply (pin 44)
+0.5
—
–18
Volts
+5V Supply (pin 18)
–0.5
—
+7
Volts
AnalogInputs
–35
—
+35
Volts
DigitalInputs
–0.5
—
+7
Volts
ThermalResistances:
Junction-Case
—
—
15
°C/Watt
Case-Ambient
—
—
15
°C/Watt
Junction-Ambient
—
—
30
°C/Watt
Lead Temp. (10 seconds)
——
300
°C
ANALOG INPUTS
MIN.
TYP.
MAX.
UNITS
Signal Range, Unipolar
Gain = 1
0
—
+10
Volts
Gain = 200
—
—
+50
mV
Signal Range, Bipolar
Gain = 1
–10
—
+10
Volts
Gain = 200
–50
—
+50
mV
Input Gain Equation
Gain = 1 + (20k
Ω/RGAIN)
Gain Equation Error
—
—
±0.1
%
InstrumentationAmplifier
Input Impedance
108
1012
—Ohms
Input Bias Current:
+25°C
—
—
±250
pA
–55 to +125°C
Doubles every 10°C
Input Offset Current:
+25°C
—
—
±1
nA
–55 to +125°C
Doubles every 10°C
Multiplexer
Channel ON Resistance
—
—
2
k
Ω
Channel OFF Input Leakage
—
±30
—
pA
Channel OFF Output Leakage
—
±1
—
nA
Channel ON Leakage
—
±100
—
pA
Input Capacitance
HDAS-16, Channel ON
—
100
—
pF
HDAS-8, Channel ON
—
50
—
pF
+25°C, Channel OFF
—
5
—
pF
Input Offset Voltage
Gain = 1, +25°C
—
—
±2
mV
–55 to +125°C (max.)
(±3ppm/°C x Gain) ±20ppm/°C
Gain = 200, +25°C
—
—
±100
mV
–55 to +125°C (max.)
(±3ppm/°C x Gain) ±20ppm/°C
Common Mode Range
±10
—
—
Volts
CMRR, Gain = 1, at 60Hz
70
82
—
dB
Input Voltage Noise, Gain = 1
(Referred to input)
—
150
200
μVrms
Channel Crosstalk
——
–80
dB
PERFORMANCE
Resolution
12
—
—
Bits
IntegralNonlinearity
0 to +70°C
—
—
±1
LSB
–55 to +125°C
—
—
±1
LSB
Differential Nonlinearity
0 to +70°C
—
—
±1
LSB
–55 to +125°C
—
—
±1
LSB
No Missing Codes
Over the operating temperature range
FUNCTIONAL SPECIFICATIONS
(The following specifications apply over the operating temperature range and power
supply range unless otherwise indicated.)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com