Electronic Components Datasheet Search
  English  ▼

X  

HDAS-8 Datasheet(PDF) 3 Page - Murata Manufacturing Co., Ltd.

Part # HDAS-8
Description  12-Bit, 50kHz, Complete Data Acquisition Systems
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

HDAS-8 Datasheet(HTML) 3 Page - Murata Manufacturing Co., Ltd.

  HDAS-8 Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. HDAS-8 Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. HDAS-8 Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. HDAS-8 Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. HDAS-8 Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. HDAS-8 Datasheet HTML 6Page - Murata Manufacturing Co., Ltd. HDAS-8 Datasheet HTML 7Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
MDC_HDAS-16/8.B01 Page 3 of 7
Technical enquiries email: sales@murata-ps.com, tel: +1 508 339 3000
www.murata-ps.com
HDAS-16, HDAS-8
POWER REQUIREMENTS
MIN.
TYP.
MAX.
UNITS
Power Supply Ranges
+15V Supply
+14.5
+15.0
+15.5
Volts
–15V Supply
–14.5
–15.0
–15.5
Volts
+5VSuppy
+4.75
+5.0
+5.25
Volts
Power Supply Currents
+15VSupply
—
—
+33
mA
–15V Supply
—
—
–30
mA
+5VSuppy
—
—
+15
mA
PowerDissipation
—
—
1.25
Watts
PHYSICAL/ENVIRONMENTAL
Operating Temp. Range, Case
MC Models
0
—
+70
°C
MM/883 Models
–55
—
+125
°C
StorageTemperatureRange
–65
—
+150
°C
Weight
1.4 ounces (39.7 grams)
PackageType
62-pin cermanic DIP
Footnotes:
Analog inputs will withstand ±35V with power on. If the power is off, the maximum
safe input (no damage) is ±20V.
The gain equation error is guaranteed before external trimming and applies at
gains less than 50. This error increases at gains over 50.
Adjustable to zero.
STROBE pulse width must be less than EOC period to achieve maximum
throughput rate.
FUNCTIONAL SPECIFICATIONS (Continued)
PIN NO.
HDAS-16
HDAS-8
1
CH3 IN
CH3 HIGH IN
2
CH2 IN
CH2 HIGH IN
3
CH1 IN
CH1 HIGH IN
4
CH0 IN
CH0 HIGH IN
5
MUX ENABLE
*
6
RDELAY
*
7
EOC
*
8
STROBE
*
9
A8
MULTIPLEXER
*
10
A4
ADDRESS
*
11
A2
OUT
*
12
A1
*
13
RA8
MULTIPLEXER
*
14
RA4
ADDRESS
*
15
RA2
IN
*
16
RA1
*
17
DIGITAL COMMON
*
18
+5V SUPPLY
*
19
LOAD
*
20
CLEAR
*
21
ENABLE (Bits 9–12)
*
22
BIT 12 (LSB)
*
23
BIT 11
*
24
BIT 10
*
25
BIT 9
*
26
ENABLE (Bits 5–8)
*
27
BIT 8
*
28
BIT 7
*
29
BIT 6
*
30
BIT 5
*
31
ENABLE (Bits 1–4)
*
32
BIT 4
*
33
BIT 3
*
34
BIT 2
*
35
BIT 1 (MSB)
*
36
GAIN ADJUST
*
37
OFFSET ADJUST
*
38
BIPOLAR INPUT
*
39
SAMPLE/HOLD OUT
*
40
+10V REFERENCE OUT
*
41
ANALOG SIGNAL COMMON
*
42
ANALOG POWER COMMON
*
43
+15V SUPPLY
44
–15V SUPPLY
*
45
ANALOG SIGNAL COMMON
*
46
ANALOG SIGNAL COMMON
*
47
RGAIN LOW
*
48
RGAIN HIGH
*
49
AMP. IN HIGH
*
50
AMP. IN LOW
*
51
CH15 IN
CH7 LOW IN
52
CH14 IN
CH6 LOW IN
53
CH13 IN
CH5 LOW IN
54
CH12 IN
CH4 LOW IN
55
CH11 IN
CH3 LOW IN
56
CH10 IN
CH2 LOW IN
57
CH9 IN
CH1 LOW IN
58
CH8 IN
CH0 LOW IN
59
CH7 IN
CH7 HIGH IN
60
CH6 IN
CH6 HIGH IN
61
CH5 IN
CH5 HIGH IN
62
CH4 IN
CH4 HIGH IN
INPUT/OUTPUT CONNECTIONS
*Same as HDAS-16
Caution: Pins 49 and 50 do not have overvoltage protection; therefore, protected multiplexers,
such as MPS’s MX-1606 and MX-808 are recommended. See the General Operation description.
TECHNICAL NOTES
1. Input channels are protected to 20 Volts beyond the powersupplies.
All digital output pins have one second short-circuit protection.
2. To retain high system throughput rates while digitizing low-level signals,
apply external high-gain amplifiers foreach channel. MPS’s AM-551 is
suggested for such amplifier-per-channel applications.
3. The HDAS devices have self-starting circuits for free-running sequential
operation. If, however, in a power-upcondition the supply voltage slew rate
is less than 3V per microsecond, the free running state might not be initial-
ized. Apply a negative pulse to the STROBE, to eliminate this condition.
4. For unipolar operation, connect BIPOLAR INPUT (pin 38) to S/H OUT (pin 39).
For bipolar operation, connect BIPOLAR INPUT (pin 38) to +10V REFERENCE
OUT (pin 40).
5. RDELAY may be a standard value 5% carbon composition or film-type resistor.
6. RGAIN must be very accurate with low temperature coefficients. If neces-
sary, fabricate the gain resistor from a precision metal-film type in series
with a low value trim resistor or potentiometer. The total resistor tempera-
ture coefficient must be no greater than ±10ppm/°C.
7. ANALOG SIGNAL COMMON, POWER COMMON and DIGITAL COMMON are
connected internally. For optimal performance, tie all ground pins (17, 41,
42, 45, 46) directly to a large analog ground plane beneath the package.
8. For HDAS-16, tie pin 50 to a “signal source common” if possible. Otherwise
tie pin 50 to pin 41 (ANA SIG COM).



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com