Electronic Components Datasheet Search
  English  ▼

X  

KMP_786 Datasheet(PDF) 2 Page - Murata Manufacturing Co., Ltd.

Part # KMP_786
Description  General Purpose Pulse Transformers
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

KMP_786 Datasheet(HTML) 2 Page - Murata Manufacturing Co., Ltd.

  KMP_786 Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. KMP_786 Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. KMP_786 Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. KMP_786 Datasheet HTML 4Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
KMP_786C_B02 Page 2 of 4
Technical enquiries - email: mk@murata-ps.com, tel: +44 (0)1908 615232
www.murata-ps.com
786 Series
General Purpose Pulse Transformers
PACKAGE SPECIFICATIONS
MECHANICAL DIMENSIONS
RECOMMENDED FOOTPRINT DETAILS
WINDING CONFIGURATION - 6 PIN DIL/SMD (TOP VIEW)
6 Pin DIL Package Style
6 Pin SMD Package Style
1
2
4
3
* Pins only fitted on 786XX/XMC and 786XX/XMC-R variants.
3.44±0.50
(0.135±0.02)
6.35
(0.25)
9.0
(0.354)
Max.
9.52
(0.375) Max.
0.30 (0.012)
0.20 (0.008)
10.16 (0.4)
12.70 (0.5)
9.52 (0.375)
Max.
2.54 (0.1)
0.90 (0.04)
6.35
(0.25)
9.0
(0.354)
0.63 (0.025)
0.53 (0.021)
5.08 (0.2)
0.30 (0.012)
0.20 (0.007)
0.63 (0.025)
0.53 (0.021)
XYYWW
78601/1MC
XYYWW
78601/1C
1
2*
3
4
5*
6
1
2
3
4
5
6
1
2
3
4
5*
6
1
2
3
4
5
6
2.54 (0.10)
2.54 (0.10)
Ø1.20 (0.05) +0.15 (0.006)
-0.00 (0.000)
11.50
(0.45)
2.54 (0.10)
1.00
(0.04)
1.60 (0.06)
6 Pin DIL
6 Pin SM
Unless otherwise stated all dimensions in mm (inches)
±0.25 (0.01). All pins on a 2.54 (0.1) pitch and within ±
0.25 (0.01) of true position
.
Unless otherwise stated all dimensions in mm (inches)
±0.25 (0.01). All pins on a 2.54 (0.1) pitch and within
±0.25 (0.01) of true position
.
Package Weight: 1.1g Typ.
Pri
Sec
Sec 1
Sec 2
Pri
Pri
Sec
Sec
Pri



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com