Electronic Components Datasheet Search
  English  ▼

X  

KMP_786 Datasheet(PDF) 3 Page - Murata Manufacturing Co., Ltd.

Part # KMP_786
Description  General Purpose Pulse Transformers
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

KMP_786 Datasheet(HTML) 3 Page - Murata Manufacturing Co., Ltd.

  KMP_786 Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. KMP_786 Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. KMP_786 Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. KMP_786 Datasheet HTML 4Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
KMP_786C_B02 Page 3 of 4
Technical enquiries - email: mk@murata-ps.com, tel: +44 (0)1908 615232
www.murata-ps.com
786 Series
General Purpose Pulse Transformers
TAPE & REEL SPECIFICATIONS
REEL OUTLINE DIMENSIONS
TAPE OUTLINE DIMENSIONS
30.4
(1.20) Max.
23.9-27.4 (0.94-1.08)
13.50 (0.53)
12.80 (0.50)
1.50 (0.059)
Min.
60 (2.36) Min.
20.20 (0.80) Min.
100 (3.9)
Min.
Leader section
400 (15.7) Min.
Goods
enclosure
section
Trailer section
160 (6.3) Min.
Ø382 (15.039) Min.
Ø
Ø
*
24.4 (0.96)
26.4 (1.04)
Unless otherwise stated all
dimensions in mm (inches) ± 0.25 (0.01).
* Includes flange distortion at outer edge.
Measured at hub.
0.60 (0.024) Max.
7.20 (0.283)
9.37 (0.369)
Direction of unreeling
1.75 (0.069)
4.00 (0.157)
2.00 (0.079)
12.00 (0.472)
Cover tape
1.50
(0.059
)
+0.004
-0.000
+0.10
-0.00
Unless otherwise stated all
dimensions in mm (inches) ± 0.25 (0.01).



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com