Electronic Components Datasheet Search
  English  ▼

X  

78250VC Datasheet(PDF) 1 Page - Murata Manufacturing Co., Ltd.

Part # 78250VC
Description  MAX250 Compatible Converter Transformers
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

78250VC Datasheet(HTML) 1 Page - Murata Manufacturing Co., Ltd.

  78250VC Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. 78250VC Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. 78250VC Datasheet HTML 3Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
KMP_78250C_C02 Page 1 of 3
Technical enquiries - email: mk@murata-ps.com, tel: +44 (0)1908 615232
www.murata-ps.com
78250 Series
MAX250 Compatible Converter Transformers
For full details go to
www.murata-ps.com/rohs
 
FEATURES
RoHS compliant
Maxim MAX250 compatible
Isolation to 4kVrms
Industry-standard pinout
Surface mount option
UL 94 V-0 package materials
Low profile
Toroidal construction
Fully encapsulated
Industrial temperature range
DESCRIPTION
The 78250 series of converter transformers
are specifically designed for use with Maxim
chipsets to provide isolated RS232 interfaces.
Carefully controlled turns ratios ensure consistent
performance whilst a toroidal construction
minimises EMI.
CHARACTERISTICS 78250C/78250MC
Parameter
Conditions
Min.
Typ.
Max.
Units
Primary Inductance, L
P
10kHz, 100mV
1.0
2.0
2.5
mH
Leakage Inductance, L
L
100kHz, 100mV
2.0
3.0
μH
Interwinding Capacitance, C
WW
100kHz, 100mV
69
90
pF
Primary D.C. Resistance, R
DC
<0.1VDC
1.0
2.0
Ω
Volt-time Product, Et
Pins1/2 or 2/3
50
Vμs
CHARACTERISTICS 78250VC/78250MVC
Parameter
Conditions
Min.
Typ.
Max.
Units
Primary Inductance, L
P
10kHz, 100mV
1.0
2.0
2.5
mH
Leakage Inductance, L
L
100kHz, 100mV
35
40
μH
Interwinding Capacitance, C
WW
100kHz, 100mV
9
12
pF
Primary D.C. Resistance, R
DC
<0.1VDC
1.4
1.8
Ω
Volt-time Product, Et
Pins1/2 or 2/3
50
Vμs
ORDER CODE DETAILS
Order Code
Package Type
Packaging Type
Quantity
78250C / 78250VC
6 Pin DIL
Tube
50
78250MC / 78250MVC
6 Pin SM
Tube
50
78250MC-R / 78250MVC-R
6 Pin SM
Tape & Reel
500
ABSOLUTE MAXIMUM RATINGS
Operating free air temperature range
-40°C to 85°C
Storage temperature range
-50°C to 125°C
Lead temperature 1.5mm from case for 10 seconds
300°C
Peak current, I
PK
300mA
Isolation voltage 78250(M)C (flash tested for 1 second)
1.5kVrms
Isolation voltage 78250V(M)C (flash tested for 1 second)
4.0kVrms
All specifications typical at T
A
=25°C
TECHNICAL NOTES
ISOLATION
VOLTAGE
‘Hi Pot Test’, ‘Flash Tested’, ‘Withstand Voltage’, ‘Proof Volt-
age’, ‘Dielectric Withstand Voltage’ & ‘Isolation Test Voltage’
are all terms that relate to the same thing, a test voltage,
applied for a specified time, across a component designed
to provide electrical isolation, to verify the integrity of that
isolation.
All products in this series are 100% production tested at
their stated isolation voltage.
A question commonly asked is, “What is the continuous
voltage that can be applied across the part in normal opera-
tion?”
For a part holding no specific agency approvals both input
and output should normally be maintained within SELV limits
i.e. less than 42.4V peak, or 60VDC. The isolation test volt-
age represents a measure of immunity to transient voltages
and the part should never be used as an element of a safety
isolation system. The part could be expected to function cor-
rectly with several hundred volts offset applied continuously
across the isolation barrier; but then the circuitry on both
sides of the barrier must be regarded as operating at an
unsafe voltage and further isolation/insulation systems must
form a barrier between these circuits and any user-acces-
sible circuitry according to safety standard requirements.
REPEATED HIGH-VOLTAGE ISOLATION TESTING
It is well known that repeated high-voltage isolation
testing of a barrier component can actually degrade
isolation capability, to a lesser or greater degree
depending on materials, construction and environ-
ment. This series has toroidal isolation transformers,
with no additional insulation between primary and
secondary windings of enameled wire. While parts
can be expected to withstand several times the
stated test voltage, the isolation capability does de-
pend on the wire insulation. Any material, including
this enamel (typically polyurethane) is susceptible
to eventual chemical degradation when subject to
very high applied voltages thus implying that the
number of tests should be strictly limited. We there-
fore strongly advise against repeated high voltage
isolation testing, but if it is absolutely required, that
the voltage be reduced by 20% from specified test
voltage.
This consideration equally applies to agency recog-
nized parts rated for better than functional isolation
where the wire enamel insulation is always supple-
mented by a further insulation system of physical
spacing or barriers.


Similar Part No. - 78250VC

ManufacturerPart #DatasheetDescription
logo
Murata Power Solutions ...
78250VC MURATA-PS-78250VC Datasheet
146Kb / 5P
MAX250/MAX251 Compatible Converter Transformers
2021
More results

Similar Description - 78250VC

ManufacturerPart #DatasheetDescription
logo
C&D Technologies
78253 CANDD-78253 Datasheet
168Kb / 2P
MAX253 Compatible Converter Transformers
logo
Murata Manufacturing Co...
KMP_7625XEN MURATA-KMP_7625XEN Datasheet
140Kb / 4P
EN Approved MAX250/251/253 Compatible Converter Transformers
KMP_782485C MURATA-KMP_782485C Datasheet
106Kb / 2P
ADM2485 Compatible Converter Transformers
78250JC MURATA-78250JC Datasheet
406Kb / 3P
MAX250/MAX251 Compatible Converter SM Transformers
logo
Murata Power Solutions ...
KMP-78250J MURATA-PS-KMP-78250J Datasheet
406Kb / 3P
MAX250/MAX251 Compatible Converter SM Transformers
logo
Toppower Electronic Tec...
TP102MV TOPPOWER-TP102MV Datasheet
533Kb / 2P
MAX250/MAX251Compatible Converter Transformers
logo
Murata Power Solutions ...
78250 MURATA-PS-78250 Datasheet
98Kb / 3P
MAX250/MAX251 Compatible Converter Transformers
782100 MURATA-PS-782100 Datasheet
151Kb / 4P
PE22100 Compatible Converter Transformers
logo
Toppower Electronic Tec...
TP250MV TOPPOWER-TP250MV Datasheet
803Kb / 2P
MAX250/MAX251Compatible Converter Transformers
TP102MV TOPPOWER-TP102MV_19 Datasheet
863Kb / 2P
MAX250/MAX251Compatible Converter Transformers
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com