Electronic Components Datasheet Search
  English  ▼

X  

78250VC Datasheet(PDF) 2 Page - Murata Manufacturing Co., Ltd.

Part # 78250VC
Description  MAX250 Compatible Converter Transformers
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

78250VC Datasheet(HTML) 2 Page - Murata Manufacturing Co., Ltd.

  78250VC Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. 78250VC Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. 78250VC Datasheet HTML 3Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
KMP_78250C_C02 Page 2 of 3
Technical enquiries - email: mk@murata-ps.com, tel: +44 (0)1908 615232
www.murata-ps.com
78250 Series
MAX250 Compatible Converter Transformers
PACKAGE SPECIFICATIONS
MECHANICAL DIMENSIONS
RECOMMENDED FOOTPRINT DETAILS
0.354
(9.0) Max.
0.375
(9.52) Max.
0.5
(12.70)
0.025 (0.63)
0.021 (0.53)
0.035 (0.90)
0.012±0.30
(0.008±0.20)
0.25
(6.35)
0.1 (2.54)
78250MC
XYYWW
0.135±0.02
(3.44±0.50)
0.25
(6.35)
0.354
(9.0) Max.
0.375
(9.52) MAX
Primary
Primary
Secondary
Secondary
0.012(0.30)
0.008(0.20)
0.40
(10.16)
0.025 (0.63)
0.021 (0.53)
0.1
(2.54)
78250C
XYYWW
6 Pin DIL
6 Pin SM
SOLDERING INFORMATION1
Pin finish
Pure tin dip
Peak wave solder temperature
300˚C for 10 seconds
Peak reflow temperature
220˚C
1 For further information, please visit www.murata-ps.com/rohs
1
2
3
6
4
6
5*
4
1
2
3
0.10 (2.54)
0.10 (2.54)
Ø0.05 (1.20) +0.006 (0.15)
-0.000 (0.00)
6 Pin DIL
6 Pin SM
Unless otherwise stated all dimensions in inches (mm)
±0.01 (0.25). All pins on a 0.1 (2.54) pitch and within
±0.01 (0.25) of true position
.
Unless otherwise stated all dimensions in inches (mm) ±0.01 (0.25).
All pins on a 0.1 (2.54) pitch and within ±0.01 (0.25) of true position
.
* Pin 5 is connected to secondary center tap. Package Weight 1.0g TYP.
0.45
(11.50)
0.10 (2.54)
0.04
(1.00)
0.06 (1.60)
TUBE OUTLINE DIMENSIONS
0.023±0.005
(0.60±0.15)
0.16 (4.00)
0.22 (5.50)
0.43
(10.95)
0.51
(12.95)
0.15
(3.80)
0.62 (15.70)
Unless otherwise stated all
dimensions in inches (mm)
±0.01 (0.25).
Tube length: 18.3±0.08 (465±2).
Tube material: Antistatic coated
clear pvc.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com