Electronic Components Datasheet Search
  English  ▼

X  

VR102B150CU Datasheet(PDF) 1 Page - C&D Technologies

Part # VR102B150CU
Description  DC/DC Converter Programmable, Single Output, 0.8375 - 1.600Vout @ 150A
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CANDD [C&D Technologies]
Direct Link  http://www.cdpowerelectronics.com
Logo CANDD - C&D Technologies

VR102B150CU Datasheet(HTML) 1 Page - C&D Technologies

  VR102B150CU Datasheet HTML 1Page - C&D Technologies VR102B150CU Datasheet HTML 2Page - C&D Technologies VR102B150CU Datasheet HTML 3Page - C&D Technologies VR102B150CU Datasheet HTML 4Page - C&D Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1150 Eglinton Avenue East
4607 S.E. International Way
Toronto, Ontario M3C 1H7
Milwaukie, Oregon 97222
1-866-740-1232
www.cdtechno-cps.com
1-971-206-2800
VR102B150CU_084-20882-04_RevB_Nov12-2004.fm
1 of 4
DC/DC Converter
Programmable, Single Output, 1.1V - 1.85Vout @ 60A
DC/DC Converter
Programmable, Single Output, 0.8375 - 1.600Vout @ 150A
Features
• Meets VRM 10.1 and 10.2 Requirements
• DAC Programmable Output Voltage
• Power Good Output
• Differential Remote Sense
• Remote Enable
• Supervisory Functions
• Output Overcurrent
• Short Circuit Protection
• Overtemperature Indicator
• Output Current Level Signal
• Tri-state Output when Disabled
• Dynamic VID Capability
• 1U Form Factor (1.250” total mating height)
• LL0 / LL1 Function
Table 1:
Input Characteristics
Notes and Conditions (1)
Min
Typ
Max
Units
Input Voltage Operating Range
11.04
12.0
12.60
Vdc
Input Undervoltage Lockout
Turn-on Threshold
6.5
6.9
7.3
Vdc
Turn-off Threshold
5.4
6.0
6.6
Vdc
Hysteresis Voltage
0.7
0.9
1.1
Vdc
Maximum Input Current
VRM 10.1 Levels
Typical: 105A 1.325VID
Max: 120A 1.6VID
13
18
A
Maximum Input Current
VRM 10.2 Levels
Typical: 130A 1.325VID
Max: 150A 1.6VID
15.3
21
A
No-Load Input Current
Enable state, no Load
200
320
400
mA
Disabled Input Current
Disabled State
20
30
50
mA
Enable - Positive Logic Version
On State Range
0.8
Vin
Vdc
Off State Range
-0.3
0.4
Vdc
LL0 and LL1
High State Range
0.8
3.5
Vdc
Low State Range
-0.3
0.4
Vdc
Table 2:
Output Characteristics
Notes and Conditions (1)
Min
Typ
Max
Units
Output Voltage Set Point
6-Bit DAC Controlled
0.8375
1.600
Vdc
Output Line Regulation
-5
0
5
mV
Output Load Regulation
Adjustable
0.91
1.25
m
Ω
Output Voltage Total Regulation
VID-40
mV
Output Ripple Voltage & Noise (2)
20 MHz Bandwidth
6.4
mVp-p
Output Current Operating Range
0
150
A
Efficiency for 10.1 TDP
Io = 105 Amps VID = 1.325
86
87
%
Efficiency for 10.2 TDP
Io = 130 Amps VID = 1.325
84
85.5
%


Similar Part No. - VR102B150CU

ManufacturerPart #DatasheetDescription
logo
C&D Technologies
VR102B150CU-3C CANDD-VR102B150CU-3C Datasheet
107Kb / 5P
DC/DC Converter Programmable, Single Output, 0.8375 - 1.600Vout @ 150A
More results

Similar Description - VR102B150CU

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
MDC_VRK81B100CS MURATA-MDC_VRK81B100CS Datasheet
129Kb / 4P
Programmable, 100A Single Output DC/DC Converter
logo
Murata Power Solutions ...
VR091B080CL MURATA-PS-VR091B080CL Datasheet
139Kb / 3P
DC/DC Converter Programmable, Single Output, 1.100V - 1.85V @ 80A
VR091B080CS MURATA-PS-VR091B080CS Datasheet
120Kb / 3P
DC/DC Converter Programmable, Single Output, 1.075V - 1.85V @ 80A
VR100B080CU-2C MURATA-PS-VR100B080CU-2C Datasheet
151Kb / 6P
DC/DC Converter Programmable, Single Output, 0.8375V - 1.600Vout @ 80A
logo
C&D Technologies
VR102B150CS-2C CANDD-VR102B150CS-2C Datasheet
117Kb / 5P
DC/DC Converter Programmable, Single Output, 0.8375V - 1.600Vout @ 150A
VR102B150CU-3C CANDD-VR102B150CU-3C Datasheet
107Kb / 5P
DC/DC Converter Programmable, Single Output, 0.8375 - 1.600Vout @ 150A
VRK81B080CS CANDD-VRK81B080CS Datasheet
109Kb / 4P
Programmable, 80A Single Output DC/DC Converter
logo
Murata Power Solutions ...
VRK81B080CU MURATA-PS-VRK81B080CU Datasheet
166Kb / 4P
Programmable, 80A Single Output DC/DC Converter
VRK81B100TH MURATA-PS-VRK81B100TH Datasheet
173Kb / 4P
Programmable, 100A Single Output DC/DC Converter
logo
ON Semiconductor
LV52133A ONSEMI-LV52133A Datasheet
853Kb / 15P
Programmable DC-DC Converter dual-output, Single-Inductor
June 2016- Rev. 2
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com