Electronic Components Datasheet Search
  English  ▼

X  

VR102B150CU Datasheet(PDF) 4 Page - C&D Technologies

Part # VR102B150CU
Description  DC/DC Converter Programmable, Single Output, 0.8375 - 1.600Vout @ 150A
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CANDD [C&D Technologies]
Direct Link  http://www.cdpowerelectronics.com
Logo CANDD - C&D Technologies

VR102B150CU Datasheet(HTML) 4 Page - C&D Technologies

  VR102B150CU Datasheet HTML 1Page - C&D Technologies VR102B150CU Datasheet HTML 2Page - C&D Technologies VR102B150CU Datasheet HTML 3Page - C&D Technologies VR102B150CU Datasheet HTML 4Page - C&D Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
1150 Eglinton Avenue East
4607 S.E. International Way
Toronto, Ontario M3C 1H7
Milwaukie, Oregon 97222
1-866-740-1232
www.cdtechno-cps.com
1-971-206-2800
VR102B150CU_084-20882-04_RevB_Nov12-2004.fm
4 of 4
C&D Technologies, Inc. reserves the right to alter or improve the specification, internal design or manufacturing process at any time, without notice. Please
check with your supplier or visit our website to ensure that you have the current and complete specification for your product before use.
© C&D Technologies, Inc. 2004
No part of this publication may be copied, transmitted, or stored in a retrieval system or reproduced in any way including, but not limited to, photography,
photocopy, magnetic or other recording means, without prior written permission from C&D Technologies, Inc.
Instructions for use are available from: www.cdtechno-cps.com
DC/DC Converter
Programmable, Single Output, 1.1V - 1.85Vout @ 60A
DC/DC Converter
Programmable, Single Output, 0.8375 - 1.600Vout @ 150A
Pin Assignment
Figure 2
Ordering Information
VRM_Pres
VRM_ID
(6)
(6)
VR102B150CU
Family Name
VRM Spec
102 = 10.2
Input Voltage
B = 12Vin
Form Factor
U = “1U”
Mounting Type
C = Card-edge
Peak Current
150 = 150A
(Also meets 10.1)
Model# VR10150CU is backwards compatible to Model# VR101B120CU (no longer available).



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com