Electronic Components Datasheet Search
  English  ▼

X  

PX500 Datasheet(PDF) 2 Page - C&D Technologies

Part # PX500
Description  AC/DC 500W Multiple Output Power Supply
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CANDD [C&D Technologies]
Direct Link  http://www.cdpowerelectronics.com
Logo CANDD - C&D Technologies

PX500 Datasheet(HTML) 2 Page - C&D Technologies

  PX500 Datasheet HTML 1Page - C&D Technologies PX500 Datasheet HTML 2Page - C&D Technologies PX500 Datasheet HTML 3Page - C&D Technologies PX500 Datasheet HTML 4Page - C&D Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
www.cd4power.com
PX500 Series
AC/DC 500W Multiple Output Power Supply
PCX500 Series
Rev 07/2006
Page 2 of 4
GENERAL CHARACTERISTICS
Parameter
Conditions
Min
Typ
Max
Units
Efficiency
Full load, 240Vac
70
75
%
Switching Frequency
PFC Converter
00
kHz
MTBF
Mil-HDBK-27E
3
khrs
Weight
Unpackaged
4
lbs
PROTECTION
Parameter
Conditions/Response
Inception
Min
Nom
Max
Units
Output OverVoltage Protection
V; Latching; cycle AC input to re-start
6.0
6.5
7.0
V
Output Overload Protection
All outputs; individual current limit; automatic recovery
20
%Io
Output Power Limit
550
W
Thermal Shutdown
Automatic Recovery
00
ºC
Input Protection
Internal line fuse; Littlefuse 3200 or equivalent
0
A
ENVIRONMENTAL CHARACTERISTICS
Parameter
Conditions
Min
Typ
Max
Units
Ambient Operating Temperature
De-rate output power linearly above 50ºC to 250W at 70ºC
0
+50
+70
ºC
Ambient Storage Temperature
-20
+85
ºC
Operating Humidity
Non-condensing
0
90
%
Storage Humidity
Non-condensing
5
90
%
Altitude
Operating. De-rate operating ambient temperature by 2Cº per 000ft above 5000ft.
-200
0000
ft
Storage
-200
50000
ft
ELECTROMAGNETIC COMPATIBILITY (EMC)
Characteristic
Compliance
Input Current Harmonics
EN6000-3-2, Class A
Conducted Emissions
CFR Title 47, Part 5, Sub-part B, Class B (when the cover option is employed)
EN55022, Class A
CERTIFICATIONS
Agency/Characteristic
Standard
UL
UL950 & UL02 (File Number E4675)
CSA
CSA 22.2 No. 234-M90, Level 6 (File Number LR 9070-54C)
TUV
EN60950 (License Number R9576030)
CE
LVD Directive; self-certified
RoHS
EN Directive 2002/95/EC; self-certified (see selection guide table on page  for compliance)
SELV
Self-certified
Vibration
MIL-STD-80D, Method 54.3, Procedure I; self-certified
Shock
MIL-STD-80D, Method 56.3, Procedure I; self-certified
OBSOLETE
PRODUCT
Contac
t Fa
ctor
y for
Replac
ement
Model



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com