Electronic Components Datasheet Search
  English  ▼

X  

PX500 Datasheet(PDF) 4 Page - C&D Technologies

Part # PX500
Description  AC/DC 500W Multiple Output Power Supply
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CANDD [C&D Technologies]
Direct Link  http://www.cdpowerelectronics.com
Logo CANDD - C&D Technologies

PX500 Datasheet(HTML) 4 Page - C&D Technologies

  PX500 Datasheet HTML 1Page - C&D Technologies PX500 Datasheet HTML 2Page - C&D Technologies PX500 Datasheet HTML 3Page - C&D Technologies PX500 Datasheet HTML 4Page - C&D Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
www.cd4power.com
PX500 Series
AC/DC 500W Multiple Output Power Supply
PCX500 Series
Rev 07/2006
Page 4 of 4
C&D Technologies, Inc. reserve the right to alter or improve the specification, internal design or
manufacturing process at any time, without notice. Please check with your supplier or visit our
website to ensure that you have the current and complete specification for your product before use.
©
C&D Technologies, Inc. 2006
No part of this publication may be copied, transmitted or stored in a retrieval system or reproduced in any
way including, but not limited to, photography, photocopy, magnetic or other recording means, without prior
written permission from C&D Technologies, Inc. Instructions for use are available from www.cd4power.com
C&D Technologies
 Cabot Boulevard, Mansfield,
MA 02048-5, USA
Tel: + (508) 339-3000
Fax: + (800) 233-2765
email: sales@cdtechno.com
C&D Technologies
3400 E Britannia Drive, Tucson,
Arizona 85706, USA
Tel: + (800) 547-2537
Fax: + (520) 74-4598
email: pedmktg@cdtechno.com
C&D Technologies (NCL) Ltd
Tanners Drive, Blakelands North
Milton Keynes MK4 5BU, UK
Tel: +44 (0)908 65232
Fax: +44 (0)908 67545
email: info@cdtechno-ncl.com
SAFETY AGENCY RATINGS
Input Voltage
20/240Vac
Input Current
8A-4A
MODEL NUMBERING
PX
Product Family
500 Maximum continuous output power in Watts
U
U-Channel chassis
x
Number of outputs (3 or 4)
x
Output voltage & current configuration (see Selection Guide table on page  for details)
B
Conducted emissions compliance level
x
Cover Options (F, V)
H
Remote Inhibit/Enable Logic (Logic  enables output)
P
Power Factor Corrected
H
Power Fail Warning Logic (Logic  indicates AC applied)
M
Active current sharing on Main output (V)
CONNECTIONS
INPUT (Terminal Block TB)
Ref
TB-
Chassis Ground
G
TB-2
Input Neutral
N
TB-3
Input Line
L
OUTPUT (Terminal Block TB2)
Ref
TB2-
Output 4 Return
-V4
TB2-2
Output 4
+V4
TB2-3
Output 3 Return
-V3
TB2-4
Output 3
+V3
TB2-5
Output 2 Return
-V2
TB2-6
Output 2
+V2
CONTROL (Molex PN 22-28-050)
Ref
J-
Remote Sense +
S-
J-2
Remote Sense -
S+
J-3
V Current Share
CS
J-4
Remote Inhibit
RI
J-5
AC Power Fail Warning
PFW
OBSOLETE
PRODUCT
Contac
t Fa
ctor
y for
Replac
ement
Model



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com