Electronic Components Datasheet Search
  English  ▼

X  

VIS102B Datasheet(PDF) 2 Page - Communications & Power Industries, Inc.

Part # VIS102B
Description  HEATWAVE
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CPI [Communications & Power Industries, Inc.]
Direct Link  http://www.cpii.com
Logo CPI - Communications & Power Industries, Inc.

VIS102B Datasheet(HTML) 2 Page - Communications & Power Industries, Inc.

  VIS102B Datasheet HTML 1Page - Communications & Power Industries, Inc. VIS102B Datasheet HTML 2Page - Communications & Power Industries, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Page 2 of 2
VIS-102B (March 15, 2006)
Communications & Power Industries, Inc., Beverly Microwave Division, 150 Sohier Rd., Beverly, MA 01915-5595, Tel 978-922-6000
TECHNICAL CHARACTERISTICS (Continued)
INPUT POWER
Voltage:
480 volts line-line, 4-wire (wire per phase plus ground), 60 Hz
Line Current:
Approximately 165 Amp per phase at 60 KW microwave output power
COOLING
Clean water from an external source capable of 50 GPM at 60 PSIG, 10 to 40 degrees Centigrade.
SIZE AND WEIGHT
Weight:
Approximately2,500 pounds
Approximate Dimensions:
(maximum in inches)
85 wide X 80 high X 40 deep
Other Features:
The unit has casters for ease of positioning at installation. The unit also has lifting eyes on the top
surface for pick-up via an overhead crane.is easily moved by fork lift or single pallet jack.
Characteristics, dimensions and operating values are based upon design calculations and performance tests. The information in this technical data sheet may change
without notice as the result of additional data or product refinement. Beverly division of CPI should be consulted before using this information for final equipment
design.
INSTRUMENTATION AND CONTROL
All operating, control, and data-collection functions are
performed by the embedded controller. Critical interlocks, such
as those required for system or personnel safety are hard-wired.
The control-center is a digital logic system that monitors and
controls the performance of the microwave power system. All
system parameters, such as beam current, beam voltage and
magnet current are displayed through a web-browser on the
monitor of a remote computer via an Ethernet connection. The
embedded controller takes the required actions to match the
microwave output power to the user’s setpoint command (input
via the browser) for power. In addition, other user controls of
the system are provided. Complete access to the status of each
analog and digital input and output is also remotely available to
the user.
The embedded controller uses flash-memory to log the status of
each of its inputs and outputs in a rolling file system that makes
the last several days of operating available to the user. This data
is stored in a format that will load directly into many
spreadsheet programs for ease of data manipulation. These files
may be e-mailed to CPI for assistance in troubleshooting and
trend analysis should that be desired.
CABINETRY
The system consists of 2 enclosures. The beam (high voltage)
power supply may be remotely mounted from the main
enclosure that houses the rest of the system. The main enclosure
is a 2-bay stainless steel cabinet as shown on the first page.
The larger left bay houses the embedded controller, distribution
transformer, and several power supplies. The right bay houses
the klystron, klystron driver, water cooling manifolds, other
components, and output waveguide. Internal air circulating fans
move air through air-water heat exchangers located in the
partition between the 2 bays.
WAVEGUIDE SYSTEM
The components in the output waveguide system include a dual-
directional coupler and an optical arc detector. Should an arc occur
in the waveguide run, the arc detector circuitry will remove the RF
drive power to the klystron in less that 10 microseconds after the
arc is detected.
The dual-directional coupler provides a calibrated sample of both
the RF power generated by the system and the RF power reflected
back to the klystron. These samples are fed to the embedded
controller where this information is used in process control as well
as system protection.
System control will prevent damage to the klystron from the
excessive reflected power by reducing or removing the RF drive to
it. System control also shuts off the klystrom beam power supply
for a klystron arc-event.
The WR-430 waveguide is typically brought out through the top,
right of the cabinet, but custom configurations are available.
CPI will assist with or execute most all aspects of system design,
development and implementation, including such areas as process
development, applicators, heat exchangers, wavguide transmission
systems, and other factors required to assure a successful system.
For
assistance,
contact
CPI Industrial
Microwave Systems
Application Engineering with your system requirements.
Telephone (978)922-6000; Fax (978)922-8914;
e-mail: info@bmd.cpii.com.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com